Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM638165BM-5IH Datasheet(PDF) 10 Page - Etron Technology, Inc.

Part # EM638165BM-5IH
Description  4M x 16 bit Synchronous DRAM (SDRAM)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM638165BM-5IH Datasheet(HTML) 10 Page - Etron Technology, Inc.

Back Button EM638165BM-5IH Datasheet HTML 6Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 7Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 8Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 9Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 10Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 11Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 12Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 13Page - Etron Technology, Inc. EM638165BM-5IH Datasheet HTML 14Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
EtronTech
EM638165
Rev. 5.2
10
Rev. 5.2
Dec. /2013
6 Write command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "L", A0-A7 = Column Address)
The Write command is used to write a burst of data on consecutive clock cycles from an active row in an
active bank. The bank must be active for at least tRCD(min.) before the Write command is issued. During write
bursts, the first valid data-in element will be registered coincident with the Write command. Subsequent data
elements will be registered on each successive positive clock edge (refer to the following figure). The DQs
remain with high-impedance at the end of the burst unless another command is initiated. The burst length and
burst sequence are determined by the mode register, which is already programmed. A full-page burst will
continue until terminated (at the end of the page it will wrap to column 0 and continue).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN A1
DIN A2
DIN A3
don’t care
T7
T8
COMMAND
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
The first data element and the write
are registered on the same clock edge
Figure 11. Burst Write Operation (Burst Length = 4)
A write burst without the auto precharge function may be interrupted by a subsequent Write,
BankPrecharge/PrechargeAll, or Read command before the end of the burst length. An interrupt coming from
Write command can occur on any clock cycle following the previous Write command (refer to the following
figure).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN B0
DIN B1
DIN B2
DIN B3
T7
T8
COMMAND
NOP
WRITE A
WRITE B
NOP
NOP
NOP
NOP
NOP
NOP
Figure 12. Write Interrupted by a Write (Burst Length = 4)
The Read command that interrupts a write burst without auto precharge function should be issued one cycle
after the clock edge in which the last data-in element is registered. In order to avoid data contention, input
data must be removed from the DQs at least one clock cycle before the first read data appears on the outputs
(refer to the following figure). Once the Read command is registered, the data inputs will be ignored and
writes will not be executed.
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DIN A0
don’t care
DIN A0
don’t care
don’t care
Input data must be removed from the DQ at
least one clock cycle before the Read data
appears on the outputs to avoid data contention
Figure 13. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)


Similar Part No. - EM638165BM-5IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165BM-5H ETRON-EM638165BM-5H Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - EM638165BM-5IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM639325TS-5IG ETRON-EM639325TS-5IG Datasheet
409Kb / 47P
   4M x 32 bit Synchronous DRAM (SDRAM)
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com