Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM68C16CWQG-25IH Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM68C16CWQG-25IH
Description  64M x 16 bit DDRII Synchronous DRAM (SDRAM)
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68C16CWQG-25IH Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM68C16CWQG-25IH Datasheet HTML 1Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 2Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 3Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 4Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 5Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 6Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 7Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 8Page - Etron Technology, Inc. EM68C16CWQG-25IH Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
EtronTech
EM68C16CWQG
Etron Technology, Inc.
No. 6, Technology Rd. V, Hsinchu Science Park, Hsinchu, Taiwan 30078, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc. reserves the right to change products or specification without notice.
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
Advance (Rev. 1.2, Apr. /2016)
Features
 JEDEC Standard Compliant
 JEDEC standard 1.8V I/O (SSTL_18-compatible)
 Power supplies: VDD & VDDQ = +1.8V  0.1V
 Industrial temperature: TC = -40~95°C
 Supports JEDEC clock jitter specification
 Fully synchronous operation
 Fast clock rate: 333/400/533 MHz
 Differential Clock, CK & CK#
 Bidirectional single/differential data strobe
- DQS & DQS#
 8 internal banks for concurrent operation
 4-bit prefetch architecture
 Internal pipeline architecture
 Precharge & active power down
 Programmable Mode & Extended Mode registers
 Posted CAS# additive latency (AL): 0, 1, 2, 3, 4, 5, 6
 WRITE latency = READ latency - 1 tCK
 Burst lengths: 4 or 8
 Burst type: Sequential / Interleave
 DLL enable/disable
 Off-Chip Driver (OCD)
- Impedance Adjustment
- Adjustable data-output drive strength
 On-die termination (ODT)
 RoHS compliant
 Auto Refresh and Self Refresh
 8192 refresh cycles / 64ms
- Average refresh period
7.8
s @ -40°C ≦TC≦ +85°C
3.9
s @ +85°C <TC≦ +95°C
 84-ball 8 x 12.5 x 1.2mm (max) FBGA package
- Pb and Halogen Free
Overview
The EM68C16C is a high-speed CMOS Double-Data-
Rate-Two (DDR2), synchronous dynamic random -
access memory (SDRAM) containing 1024 Mbits in a
16-bit wide data I/Os. It is internally configured as a
8-
bank DRAM, 8 banks x 8Mb addresses x 16 I/Os. The
device is designed to comply with DDR2 DRAM key
features such as posted CAS# with additive latency,
Write latency = Read latency -1, Off-Chip Driver (OCD)
impedance adjustment, and On Die Termination(ODT).
All of the control and address inputs are synchronized
with a pair of externally supplied differential clocks. Inputs
are latched at the cross point of differential clocks (CK
rising and CK# falling) All I/Os are synchronized with a
pair of bidirectional strobes (DQS and DQS#) in a source
synchronous fashion. The address bus is used to convey
row, column, and bank address information in RAS #, CAS#
multiplexing style. Accesses begin with the registration of a
Bank Activate command, and then it is followed by a
Read or Write command. Read and write accesses to
the DDR2 SDRAM are 4 or 8-bit burst oriented; accesses
start at a selected location and continue for a programmed
number of locations in a programmed sequence. Operating
the eight memory banks in an interleaved fashion allows
random access operation to occur at a higher rate than
is possible with standard DRAMs. An auto precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst sequence.
A sequential and gapless data rate is possible depending
on burst length, CAS latency, and speed grade of the
device.
Table 1. Ordering Information
Part Number
Clock Frequency
Data Rate
Power Supply
Package
EM68C16CWQG-18IH
533MHz
1066Mbps/pin
VDD 1.8V, VDDQ 1.8V
FBGA
EM68C16CWQG-25IH
400MHz
800Mbps/pin
VDD 1.8V, VDDQ 1.8V
FBGA
EM68C16CWQG-3IH
333MHz
667Mbps/pin
VDD 1.8V, VDDQ 1.8V
FBGA
WQ: indicates 8 x 12.5 x 1.2mm FBGA Package
G: indicates Generation Code
I: indicates Industrial Grade
H: indicates Pb and Halogen Free


Similar Part No. - EM68C16CWQG-25IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQG-25H ETRON-EM68C16CWQG-25H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68C16CWQG-25IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M16D2-25BCN ALSC-AS4C64M16D2-25BCN Datasheet
1Mb / 58P
   1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com