Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM68C16CWQG-25H Datasheet(PDF) 5 Page - Etron Technology, Inc.

Part # EM68C16CWQG-25H
Description  64M x 16 bit DDRII Synchronous DRAM (SDRAM)
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68C16CWQG-25H Datasheet(HTML) 5 Page - Etron Technology, Inc.

  EM68C16CWQG-25H Datasheet HTML 1Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 2Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 3Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 4Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 5Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 6Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 7Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 8Page - Etron Technology, Inc. EM68C16CWQG-25H Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
EtronTech
EM68C16CWQG
Rev. 1.5
5
Apr. /2016
Ball Descriptions
Table 3. Ball Descriptions
Symbol
Type
Description
CK, CK#
Input
Differential Clock: CK, CK# are driven by the system clock. All SDRAM input signals are
sampled on the crossing of positive edge of CK and negative edge of CK#. Output (Read)
data is referenced to the crossings of CK and CK# (both directions of crossing).
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CK signal. If CKE goes
LOW synchronously with clock, the internal clock is suspended from the next clock cycle
and the state of output and burst address is frozen as long as the CKE remains LOW.
When all banks are in the idle state, deactivating the clock controls the entry to the Power
Down and Self Refresh modes.
BA0-BA2
Input
Bank Address: BA0-BA2 define to which bank the BankActivate, Read, Write, or
BankPrecharge command is being applied.
A0-A12
Input
Address Inputs: A0-A12 are sampled during the BankActivate command (row address
A0-A12) and Read/Write command (column address A0-A9 with A10 defining Auto
Precharge).
CS#
Input
Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the command
decoder. All commands are masked when CS# is sampled HIGH. CS# provides for
external bank selection on systems with multiple banks. It is considered part of the
command code.
RAS#
Input
Row Address Strobe: The RAS# signal defines the operation commands in conjunction
with the CAS# and WE# signals and is latched at the crossing of positive edges of CK and
negative edge of CK#. When RAS# and CS# are asserted "LOW" and CAS# is asserted
"HIGH" either the BankActivate command or the Precharge command is selected by the
WE# signal. When the WE# is asserted "HIGH" the BankActivate command is selected
and the bank designated by BA is turned on to the active state. When the WE# is asserted
"LOW" the Precharge command is selected and the bank designated by BA is switched to
the idle state after the precharge operation.
CAS#
Input
Column Address Strobe: The CAS# signal defines the operation commands in
conjunction with the RAS# and WE# signals and is latched at the crossing of positive
edges of CK and negative edge of CK#. When RAS# is held "HIGH" and CS# is asserted
"LOW" the column access is started by asserting CAS# "LOW". Then, the Read or Write
command is selected by asserting WE
# “HIGH " or “LOW".
WE#
Input
Write Enable: The WE# signal defines the operation commands in conjunction with the
RAS# and CAS# signals and is latched at the crossing of positive edges of CK and
negative edge of CK#. The WE# input is used to select the BankActivate or Precharge
command and Read or Write command.
LDQS,
LDQS#
UDQS
UDQS#
Input /
Output
Bidirectional Data Strobe: Specifies timing for Input and Output data. Read Data Strobe
is edge triggered. Write Data Strobe provides a setup and hold time for data and DQM.
LDQS is for DQ0~7, UDQS is for DQ8~15. The data strobes LDOS and UDQS may be
used in single ended mode or paired with LDQS# and UDQS# to provide differential pair
signaling to the system during both reads and writes. A control bit at EMR (1)[A10] enables
or disables all complementary data strobe signals.
LDM,
UDM
Input
Data Input Mask: Input data is masked when DM is sampled HIGH during a write cycle.
LDM masks DQ0-DQ7, UDM masks DQ8-DQ15.
DQ0 - DQ15
Input /
Output
Data I/O: The Data bus input and output data are synchronized with positive and negative
edges of DQS/DQS#. The I/Os are byte-maskable during Writes.
ODT
Input
On Die Termination: ODT enables internal termination resistance. It is applied to each
DQ, LDQS/LDQS#, UDQS/UDQS#, LDM, and UDM signal. The ODT pin is ignored if the
EMR (1) is programmed to disable ODT.


Similar Part No. - EM68C16CWQG-25H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQG-25IH ETRON-EM68C16CWQG-25IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68C16CWQG-25H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M16D2-25BCN ALSC-AS4C64M16D2-25BCN Datasheet
1Mb / 58P
   1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com