Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM68C08CWAE-3H Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM68C08CWAE-3H
Description  128M x 8 bit DDRII Synchronous DRAM (SDRAM)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68C08CWAE-3H Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM68C08CWAE-3H Datasheet HTML 1Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 2Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 3Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 4Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 5Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 6Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 7Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 8Page - Etron Technology, Inc. EM68C08CWAE-3H Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
EtronTech
EM68C08CWAE
Etron Technology, Inc.
No. 6, Technology Rd. V, Hsinchu Science Park, Hsinchu, Taiwan 30078, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc. reserves the right to change products or specification without notice.
128M x 8 bit DDRII Synchronous DRAM (SDRAM)
Advance (Rev. 1.3, Oct. /2015)
Features
• JEDEC Standard Compliant
• JEDEC standard 1.8V I/O (SSTL_18-compatible)
• Power supplies: VDD & VDDQ = +1.8V ± 0.1V
• Operating temperature: TC = 0~85 °C
• Supports JEDEC clock jitter specification
• Fully synchronous operation
• Fast clock rate: 333/400/533 MHz
• Differential Clock, CK & CK#
• Bidirectional single/differential data strobe
• 8 internal banks for concurrent operation
• 4-bit prefetch architecture
• Internal pipeline architecture
• Precharge & active power down
• Programmable Mode & Extended Mode registers
• Posted CAS# additive latency (AL): 0, 1, 2, 3, 4, 5
• WRITE latency = READ latency - 1 tCK
• Burst lengths: 4 or 8
• Burst type: Sequential / Interleave
• DLL enable/disable
• Off-Chip Driver (OCD)
- Impedance Adjustment
- Adjustable data-output drive strength
• On-die termination (ODT)
• RoHS compliant
• Auto Refresh and Self Refresh
• 8192 refresh cycles / 64ms
• 60-ball 8 x 10 x 1.2mm (max) FBGA package
- Pb and Halogen Free
Overview
The EM68C08C is a high-speed CMOS Double-
Data-Rate-Two (DDR2), synchronous dynamic random
- access memory (SDRAM) containing 1024 Mbits in
an 8-bit wide data I/Os. It is internally configured as an
8-bank DRAM, 8 banks x 16Mb addresses x 8 I/Os.
The device is designed to comply with DDR2 DRAM
key features such as posted CAS# with additive latency,
Write latency = Read latency -1, Off-Chip Driver (OCD)
impedance adjustment and On Die Termination(ODT).
All of the control and address inputs are synchronized
with a pair of externally supplied differential clocks.
Inputs are latched at the cross point of differential clocks
(CK rising and CK# falling). All I/Os are synchronized
with a pair of bidirectional strobes (DQS and DQS#) in
a source synchronous fashion. The address bus is used
to convey row, column, and bank address information
in RAS #, CAS# multiplexing style. Accesses begin
with the registration of a Bank Activate command, and
then it is followed by a Read or Write command. Read
and write accesses to the DDR2 SDRAM are 4 or 8-bit
burst oriented; accesses start at a selected location
and continue for a programmed number of locations in
a programmed sequence. Operating the eight memory
banks in an interleaved fashion allows random access
operation to occur at a higher rate than is possible with
standard DRAMs. An auto precharge function may be
enabled to provide a self-timed row precharge that is
initiated at the end of the burst sequence. A sequential
and gapless data rate is possible depending on burst
length, CAS latency, and speed grade of the device.
Table 1. Ordering Information
Part Number
Clock Frequency
Data Rate
Power Supply
Package
EM68C08CWAE-18H
533MHz
1066Mbps/pin
VDD 1.8V, VDDQ 1.8V
FBGA
EM68C08CWAE-25H
400MHz
800Mbps/pin
VDD 1.8V, VDDQ 1.8V
FBGA
EM68C08CWAE-3H
333MHz
667Mbps/pin
VDD 1.8V, VDDQ 1.8V
FBGA
WA: indicates 8 x 10 x 1.2mm FBGA package
E: indicates Generation Code
H: indicates Pb and Halogen Free


Similar Part No. - EM68C08CWAE-3H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-3IH ETRON-EM68C08CWAE-3IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68C08CWAE-3H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C128M8D2-25BIN ALSC-AS4C128M8D2-25BIN Datasheet
2Mb / 59P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68C08CWAG-18H ETRON-EM68C08CWAG-18H Datasheet
1Mb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com