Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM68A16CBQC-25IH Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM68A16CBQC-25IH
Description  EM68A16CBQC-18IH
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68A16CBQC-25IH Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM68A16CBQC-25IH Datasheet HTML 2Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 3Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 4Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 5Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 6Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 7Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 8Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 9Page - Etron Technology, Inc. EM68A16CBQC-25IH Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
EtronTech
EM68A16CBQC
Rev. 1.0
6
May /2015
VDD
Supply Power Supply: +1.8V
±0.1V
VSS
Supply Ground
VDDL
Supply DLL Power Supply: +1.8V
±0.1V
VSSDL
Supply DLL Ground
VDDQ
Supply DQ Power: +1.8V
±0.1V.
VSSQ
Supply DQ Ground
VREF
Supply Reference Voltage for Inputs: +0.5*VDDQ
NC
-
No Connect:
These pins should be left unconnected.


Similar Part No. - EM68A16CBQC-25IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68A16CBQC-25H ETRON-EM68A16CBQC-25H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com