Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32682A6682 Datasheet(PDF) 5 Page - TDK Electronics

Part # B32682A6682
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32682A6682 Datasheet(HTML) 5 Page - TDK Electronics

  B32682A6682 Datasheet HTML 1Page - TDK Electronics B32682A6682 Datasheet HTML 2Page - TDK Electronics B32682A6682 Datasheet HTML 3Page - TDK Electronics B32682A6682 Datasheet HTML 4Page - TDK Electronics B32682A6682 Datasheet HTML 5Page - TDK Electronics B32682A6682 Datasheet HTML 6Page - TDK Electronics B32682A6682 Datasheet HTML 7Page - TDK Electronics B32682A6682 Datasheet HTML 8Page - TDK Electronics B32682A6682 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight
terminals,
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitances values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, untaped (lead length
6 - 1 mm)
400 250
15.0
5.0
× 10.5 × 18.0 B32682A4153+*** 4680
5200
4000
22.0
6.0
× 11.0 × 18.0 B32682A4223+*** 3840
4400
4000
33.0
7.0
× 12.5 × 18.0 B32682A4333+*** 3320
3600
4000
47.0
8.5
× 14.5 × 18.0 B32682A4473+*** 2720
2800
2000
630 300
4.7
5.0
× 10.5 × 18.0 B32682A6472+*** 4680
5200
4000
6.8
5.0
× 10.5 × 18.0 B32682A6682+*** 4680
5200
4000
10.0
5.0
× 10.5 × 18.0 B32682A6103+*** 4680
5200
4000
15.0
6.0
× 11.0 × 18.0 B32682A6153+*** 3840
4400
4000
22.0
7.0
× 12.5 × 18.0 B32682A6223+*** 3320
3600
4000
33.0
8.5
× 14.5 × 18.0 B32682A6333+*** 2720
2800
2000
47.0
9.0
× 17.5 × 18.0 B32682A6473+*** 2560
2800
2000
1000 400
3.3
5.0
× 10.5 × 18.0 B32682A0332+*** 4680
5200
4000
4.7
5.0
× 10.5 × 18.0 B32682A0472+*** 4680
5200
4000
6.8
6.0
× 12.0 × 18.0 B32682A0682+*** 3840
4400
4000
10.0
7.0
× 12.5 × 18.0 B32682A0103+*** 3320
3600
4000
15.0
8.5
× 14.5 × 18.0 B32682A0153+*** 2720
2800
2000
1250 450
2.2
5.0
× 10.5 × 18.0 B32682A7222+*** 4680
5200
4000
3.3
5.0
× 10.5 × 18.0 B32682A7332+*** 4680
5200
4000
4.7
6.0
× 12.0 × 18.0 B32682A7472+*** 3840
4400
4000
6.8
7.0
× 12.5 × 18.0 B32682A7682+*** 3320
3600
4000
10.0
8.5
× 14.5 × 18.0 B32682A7103+*** 2720
2800
2000
B32682
Very high pulse (wound)
Page 5 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32682A6682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-J189 EPCOS-B32682-A103-J189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-J289 EPCOS-B32682-A103-J289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-K189 EPCOS-B32682-A103-K189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32682-A103-K289 EPCOS-B32682-A103-K289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
More results

Similar Description - B32682A6682

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com