Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMS10UP60A Datasheet(PDF) 10 Page - International Rectifier

Part # IRAMS10UP60A
Description  Plug N DriveTM Integrated Power Module for Appliance Motor Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMS10UP60A Datasheet(HTML) 10 Page - International Rectifier

Back Button IRAMS10UP60A Datasheet HTML 6Page - International Rectifier IRAMS10UP60A Datasheet HTML 7Page - International Rectifier IRAMS10UP60A Datasheet HTML 8Page - International Rectifier IRAMS10UP60A Datasheet HTML 9Page - International Rectifier IRAMS10UP60A Datasheet HTML 10Page - International Rectifier IRAMS10UP60A Datasheet HTML 11Page - International Rectifier IRAMS10UP60A Datasheet HTML 12Page - International Rectifier IRAMS10UP60A Datasheet HTML 13Page - International Rectifier IRAMS10UP60A Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IRAMS10UP60A
10
www.irf.com
Figure 3. Maximum sinusoidal phase current as function of switching frequency
VBUS=400V, Tj=150°C, Modulation Depth=0.8, PF=0.6
Figure 4. Maximum sinusoidal phase current as function of modulation frequency
VBUS=400V, Tj=150°C, Tc=100°C, Modulation Depth=0.8, PF=0.6
VBUS = 400 V, TJ=TJ Max °C, Modulation Depth = 0.8, PF = 0.6
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
PWM SWITCHING FREQUENCY (kHz)
Tc = 100 °C
Tc = 110 °C
Tc = 120 °C
0
1
2
3
4
5
6
7
1
10
100
Motor Current Modulation Frequency (Hz)
Switching Frequency :
12KHz
16KHz
20KHz


Similar Part No. - IRAMS10UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMS10UP60A IRF-IRAMS10UP60A Datasheet
413Kb / 17P
   PLUG N DRIVE INTEGRATED POWER MODULE FOR APPLIANCE MOTOR DRIVE
IRAMS10UP60A-2 IRF-IRAMS10UP60A-2 Datasheet
716Kb / 17P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60APBF IRF-IRAMS10UP60APBF Datasheet
639Kb / 17P
   Plug N Drive??Integrated Power Module for Appliance Motor Drive
IRAMS10UP60A IRF-IRAMS10UP60A_05 Datasheet
413Kb / 17P
   PLUG N DRIVE INTEGRATED POWER MODULE FOR APPLIANCE MOTOR DRIVE
More results

Similar Description - IRAMS10UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A Datasheet
366Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60A-2 IRF-IRAMS10UP60A-2 Datasheet
716Kb / 17P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS06UP60A IRF-IRAMS06UP60A Datasheet
445Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60B IRF-IRAMS10UP60B Datasheet
411Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS06UP60B-2 IRF-IRAMS06UP60B-2 Datasheet
370Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS06UP60B IRF-IRAMS06UP60B Datasheet
407Kb / 18P
   Plug N Drive Integrated Power Module for Appliance Motor Drive
IRAMS10UP60APBF IRF-IRAMS10UP60APBF Datasheet
639Kb / 17P
   Plug N Drive??Integrated Power Module for Appliance Motor Drive
IRAMS10UP60A IRF-IRAMS10UP60A_05 Datasheet
413Kb / 17P
   PLUG N DRIVE INTEGRATED POWER MODULE FOR APPLIANCE MOTOR DRIVE
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com