Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV74HC540ADTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLV74HC540ADTR2G
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74HC540ADTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLV74HC540ADTR2G Datasheet HTML 1Page - ON Semiconductor NLV74HC540ADTR2G Datasheet HTML 2Page - ON Semiconductor NLV74HC540ADTR2G Datasheet HTML 3Page - ON Semiconductor NLV74HC540ADTR2G Datasheet HTML 4Page - ON Semiconductor NLV74HC540ADTR2G Datasheet HTML 5Page - ON Semiconductor NLV74HC540ADTR2G Datasheet HTML 6Page - ON Semiconductor NLV74HC540ADTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 11
1
Publication Order Number:
MC74HC540A/D
MC74HC540A
Octal 3-State Inverting
Buffer/Line Driver/Line
Receiver
High−Performance Silicon−Gate CMOS
The MC74HC540A is identical in pinout to the LS540. The device
inputs are compatible with Standard CMOS outputs. External pull−up
resistors make them compatible with LSTTL outputs.
The HC540A is an octal inverting buffer/line driver/line receiver
designed to be used with 3−state memory address drivers, clock
drivers, and other bus−oriented systems. This device features inputs
and outputs on opposite sides of the package and two ANDed
active−low output enables.
The HC540A is similar in function to the HC541A, which has
noninverting outputs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7 A Requirements
Chip Complexity: 124 FETs or 31 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Figure 1. Logic Diagram
18
Y1
2
A1
17
Y2
3
A2
16
Y3
4
A3
15
Y4
5
A4
14
Y5
6
A5
13
Y6
7
A6
12
Y7
8
A7
11
Y8
9
A8
OE1
OE2
1
19
Output
Enables
Data
Inputs
Inverting
Outputs
PIN 20 = VCC
PIN 10 = GND
http://onsemi.com
1
20
MARKING DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
74HC540A
AWLYYWWG
HC
540A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
20
1
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOIC−20
TSSOP−20
19
20
18 17 16 15 14
2
1
3
4
567
VCC
13
8
12
9
11
10
OE2 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
OE1 A1 A2 A3 A4 A5 A6 A7 A8 GND
PIN ASSIGNMENT
20−Lead (Top View)
L
L
H
X
L
L
X
H
L
H
X
X
FUNCTION TABLE
Inputs
Output Y
OE1
OE2
A
H
L
Z
Z
Z = High Impedance
X = Don’t Care


Similar Part No. - NLV74HC540ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74HC541ADTR2G ONSEMI-NLV74HC541ADTR2G Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
NLV74HC541ADWR2G ONSEMI-NLV74HC541ADWR2G Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
More results

Similar Description - NLV74HC540ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC240AF ONSEMI-MC74HC240AF Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
logo
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74HCT240A INTEGRAL-IN74HCT240A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com