Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC393ADTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC393ADTR2G
Description  Dual 4-Stage Binary Ripple Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC393ADTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC393ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC393ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HC393A
http://onsemi.com
5
SWITCHING WAVEFORMS
tPHL
VCC
GND
VCC
GND
50%
50%
50%
trec
CLOCK
Q
RESET
Figure 1.
Figure 2.
Figure 3. Test Circuit
Q1
Q2
Q3
Q4
CLOCK
RESET
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
EXPANDED LOGIC DIAGRAM
*Includes all probe and jig capacitance
CL*
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
CLOCK
Q
90%
90%
50%
10%
tf
tr
VCC
GND
tw
1/fmax
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
C
DQ
tw
Q
C
DQ
Q
C
DQ
Q
C
DQ
Q


Similar Part No. - MC74HC393ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393ADTR2G ONSEMI-MC74HC393ADTR2G Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
More results

Similar Description - MC74HC393ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com