Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC244ADTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC244ADTG
Description  Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC244ADTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC244ADTG Datasheet HTML 1Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 2Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 3Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 4Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 5Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 6Page - ON Semiconductor MC74HC244ADTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 15
1
Publication Order Number:
MC74HC244A/D
MC74HC244A
Octal 3-State Noninverting
Buffer/Line Driver/
Line Receiver
High−Performance Silicon−Gate CMOS
The MC74HC244A is identical in pinout to the LS244. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This octal noninverting buffer/line driver/line receiver is designed
to be used with 3−state memory address drivers, clock drivers, and
other bus−oriented systems. The device has noninverting outputs and
two active−low output enables.
The HC244A is similar in function to the HC240A.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7 A
Chip Complexity: 136 FETs or 34 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
LOGIC DIAGRAM
DATA
INPUTS
A1
A2
A3
A4
B1
B2
B3
B4
17
15
13
11
8
6
4
218
16
14
12
9
7
5
3
YB4
YB3
YB2
YB1
YA4
YA3
YA2
YA1
NONINVERTING
OUTPUTS
PIN 20 = VCC
PIN 10 = GND
OUTPUT
ENABLES
ENABLE A
ENABLE B
1
19
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
20
MARKING DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
HC244A
AWLYYWWG
HC
244A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
20
1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(*Note: Microdot may be in either location)
SOIC−20
TSSOP−20
PIN ASSIGNMENT
A3
A2
YB4
A1
ENABLE A
GND
YB1
A4
YB2
YB3
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
YA2
B4
YA1
ENABLE B
VCC
B1
YA4
B2
YA3
B3
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A, B
YA, YB
LL
L
LH
H
HX
Z
Z = high impedance


Similar Part No. - MC74HC244ADTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC244ADTG ONSEMI-MC74HC244ADTG Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC244ADTG ONSEMI-MC74HC244ADTG Datasheet
143Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
More results

Similar Description - MC74HC244ADTG

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HCT244A INTEGRAL-IN74HCT244A Datasheet
65Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT244 INTEGRAL-IN74ACT244 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC541A ONSEMI-MC74HC541A_14 Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
logo
Integral Corp.
IN74LS244 INTEGRAL-IN74LS244 Datasheet
241Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com