Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501T5RA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1501T5RA
Description  150 KHZ 3A PWM BUCK DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501T5RA Datasheet(HTML) 2 Page - Anachip Corp

  AP1501T5RA Datasheet HTML 1Page - Anachip Corp AP1501T5RA Datasheet HTML 2Page - Anachip Corp AP1501T5RA Datasheet HTML 3Page - Anachip Corp AP1501T5RA Datasheet HTML 4Page - Anachip Corp AP1501T5RA Datasheet HTML 5Page - Anachip Corp AP1501T5RA Datasheet HTML 6Page - Anachip Corp AP1501T5RA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.A7 Feb. 10, 2004
2/11
Ordering Information
Package
T5: TO220-5L
K5: TO263-5L
Output version
AP1501 XX X X X
Packing
Blank : Tube
A
: Taping
Blank : Adjustable
-33
: 3.3V
-50
: 5.0V
-12
: 12V
T5R: TO220-5L(R)
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Limit
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
3A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation


Similar Part No. - AP1501T5RA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501T5RG-13 DIODES-AP1501T5RG-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501T5RG-U DIODES-AP1501T5RG-U Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501T5RL-13 DIODES-AP1501T5RL-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501T5RL-U DIODES-AP1501T5RL-U Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1501T5RA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com