Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC58P42YV Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC58P42YV
Description  8-Bit Serial-Input Protected Latched Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P42YV Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC58P42YV Datasheet HTML 2Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 3Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 4Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 5Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 6Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 7Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 8Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 9Page - Micrel Semiconductor MIC58P42YV Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MIC58P42
Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IR
Clamp Diode Leakage Current
VR = 80V
50
µA
VF
Clamp Diode Forward Voltage
IF = 350mA
1.7
2.0
V
ILIM
Output Current Shutdown
Threshold
500
mA
VSU
Start Up Voltage
Note 7
3.5
4.0
4.5
V
VDD MIN
Minimum Supply (VDD)
3.0
3.5
4.0
V
Thermal Shutdown
165
°C
Thermal Shutdown Hysteresis
10
°C
Note:
7.
Undervoltage Lockout is guaranteed to release device at no more than 4.5V, and disable the device at no less than 3.0V.
June 3, 2015
6
Revision 2.0


Similar Part No. - MIC58P42YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42BN MICREL-MIC58P42BN Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42BN MICREL-MIC58P42BN Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42BV MICREL-MIC58P42BV Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results

Similar Description - MIC58P42YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_11 Datasheet
108Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
   8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com