Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC59P50YV Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC59P50YV
Description  8-Bit Parallel-Input Protected Latched Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P50YV Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC59P50YV Datasheet HTML 1Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 2Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 3Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 4Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 5Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 6Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 7Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 8Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC59P50
July 29, 2015
3
Revision 2.0
Ordering Information
Part Number
Temperature Range
Package
Pb-Free
MIC59P50YN
–40°C to +85°C
24-Pin Plastic DIP
(1)
MIC59P50YV
–40°C to +85°C
28-Pin PLCC
MIC59P50YWM
–40°C to +85°C
24-Pin Wide SOIC
Note:
1.
300mm “Skinny DIP”
Pin Configuration
24-Pin PDIP (N)
24-Pin Wide SOIC (WM)
(Top View)
28-Pin PLCC (V)
(Top View)
Pin Description
Pin Number
PDIP & SOIC
Pin Number
PLCC
Pin Name
Pin Name
1
2
/FLAG
Error flag. Open-collector output is low upon overcurrent fault or
overtemperature fault. /OE/RESET must be pulled high to reset the flag and
fault condition.
2
3
CLEAR
Sets all latches to OFF (open).
3
4
STROBE
Input strobe pin. Loads output latches when high.
4-11
5-12
INn
Parallel inputs, 1 through 8.
12
15
VEE
Output ground (substrate). Most negative voltage in the system connects here.
13
17
COMMON
Transient suppression diodes cathode common pin.
14-21
18-25
OUTn
Parallel outputs, 8 through 1.
22
26
VDD
Logic positive supply voltage.
23
27
/OE/RESET
Output enable reset. When low, outputs are active. When high, outputs are
inactive and the flag and outputs are reset from a fault condition. An
undervoltage condition emulates a high /OE input.
24
28
VSS
Logic reference (ground) pin.


Similar Part No. - MIC59P50YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
More results

Similar Description - MIC59P50YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com