Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44211 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX44211
Description  Overtemperature Shutdown Active
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44211 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX44211 Datasheet HTML 3Page - Maxim Integrated Products MAX44211 Datasheet HTML 4Page - Maxim Integrated Products MAX44211 Datasheet HTML 5Page - Maxim Integrated Products MAX44211 Datasheet HTML 6Page - Maxim Integrated Products MAX44211 Datasheet HTML 7Page - Maxim Integrated Products MAX44211 Datasheet HTML 8Page - Maxim Integrated Products MAX44211 Datasheet HTML 9Page - Maxim Integrated Products MAX44211 Datasheet HTML 10Page - Maxim Integrated Products MAX44211 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(VDVDD = 3V, VAVDD = 12V or 18V, VAGND = VDGND = 0V, IN+ = IN- = VAVDD/2, G0 = VDVDD, G1 = VDVDD, TXEN = VDVDD, MODE
= VDVDD, RSET = 29kΩ, RLOAD = 50Ω differential from OUT+ to OUT-, TA = +25°C, unless otherwise noted. Typical values are at
TA = +25°C.)
LARGE-SIGNAL TRANSIENT (GAIN = 12V/V)
200mV/div
2V/div
10μs/div
VIN-DIFF
VOUT-DIFF
0V
0V
toc07b
LARGE-SIGNAL TRANSIENT (GAIN = 18V/V)
50mV/div
1V/div
10μs/div
VIN-DIFF
VOUT-DIFF
0V
0V
toc07d
LARGE-SIGNAL TRANSIENT (GAIN = 15V/V)
100mV/div
1V/div
10μs/div
VIN-DIFF
VOUT-DIFF
0V
0V
toc07c
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
500
1000
1500
2000
ISOURCE (mA)
OUTPUT VOLTAGE HIGH vs. ISOURCE
vs. TEMPERATURE (Note 9)
toc08
VAVDD = 12V
TA = +25°C
TA = -40°C
TA = +55°C
TA = +85°C
SMALL-SIGNAL TRANSIENT (GAIN = 18V/V)
5mV/div
50mV/div
10μs/div
VIN-DIFF
VOUT-DIFF
0V
0V
toc06d
LARGE-SIGNAL TRANSIENT (GAIN = 6V/V)
200mV/div
2V/div
10μs/div
VIN-DIFF
VOUT-DIFF
0V
0V
toc07a
MAX44211
High-Current Differential Line Driver
for Powerline Communications
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics (continued)


Similar Part No. - MAX44211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44211ETP++ MAXIM-MAX44211ETP+ Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
MAX44211EVKIT MAXIM-MAX44211EVKIT Datasheet
936Kb / 10P
   Proven PCB Layout
Rev 0; 6/15
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
More results

Similar Description - MAX44211

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_10 Datasheet
627Kb / 28P
   Overtemperature Warning and Protection (Shutdown)
logo
ON Semiconductor
NCT65 ONSEMI-NCT65 Datasheet
145Kb / 7P
   Remote Trip Point Temperature Sensor with Overtemperature Shutdown
August, 2012 ??Rev. 1
logo
Littelfuse
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
   Overtemperature Protection Device
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Littelfuse
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-82 LITTELFUSE-MHP-TAM6-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-85 LITTELFUSE-MHP-TAM6-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-82 LITTELFUSE-MHP-TAM15-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-85 LITTELFUSE-MHP-TAM15-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-72 LITTELFUSE-MHP-TAM6-9-72 Datasheet
557Kb / 2P
   Overtemperature Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com