Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB220 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SB220
Description  2.0 AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB220 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SB220 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB220 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
LEAD TEMPERATURE,
INSTANTANEOUS FORWARD
75
60
45
30
15
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
V
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
50
10.0
1
0.1
0.01
TA=25 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=75 C
TJ=25 C
TJ=100 C
SB220-SB245
SB250-SB260
SB280-SB2100
SB2150-SB2200
SB2250
3
FIG.
– MAXIMUM NON-REPETITIVE SURGE CURRENT
4
FIG.
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE
%
FIG. 1
– FORWARD CURRENT DERATING CURVE
2
FIG. -TYPICAL FORWARD CHARACTERISTICS
220 THRU
225 0
B
S
B
S
www.dyelec.com


Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SAMYANG ELECTRONICS CO....
SB220 SAMYANG-SB220 Datasheet
474Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB220 CHENDA-SB220 Datasheet
589Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SB220 SEMIKRON-SB220 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
More results

Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A_15 Datasheet
249Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB220U DYELEC-SB220U Datasheet
997Kb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SR2P50 DYELEC-SR2P50 Datasheet
3Mb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com