Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S54L Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # S54L
Description  Low Power Loss,High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

S54L Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  S54L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. S54L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S520
S5
110
28
CJ
JA
RECTIFIER
RRM
@T =100
@T =25
0
200
5
0.1
0.2
5.0
10
110A
plastic SMAF
1)
@IF=5.0A
S54L
S58L
S545L
S510L S515L
5.0
0.85
0.6
T
140
105
70
56
0.45
150
100
80
80
45
40
40
STG
THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Surge Overload Rating to
Peak
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
45
V
Maximum RMS Voltage
VRMS
28
31
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
0.5
V
Peak Reverse Current
IR
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance
(Note 2)
Rθ
88
Operating Temperature Range
TJ
-55 to+150
Storage Temperature Range
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
100
150 200
(Note
AMP
A
A
/W
pF
Typical Thermal Resistance per leg
S520L
SMAF
Dimiensions in inches and (milimeters)
L
L
4
4L
L
www.dyelec.com
@T =90
L
S56L
60
60
42
S55L
50
50
35


Similar Part No. - S54L

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5400 BOTHHAND-S5400 Datasheet
20Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Satco Products, Inc.
S5401 SATCO-S5401 Datasheet
124Kb / 1P
   20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
logo
List of Unclassifed Man...
S54122CW ETC1-S54122CW Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
S54122F ETC1-S54122F Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Bothhand USA, LP.
S5415 BOTHHAND-S5415 Datasheet
245Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S54L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR20H200CT PANJIT-MBR20H200CT Datasheet
111Kb / 4P
   Low power loss, high efficiency.
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
   Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
   Low Power loss, High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com