Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL316J Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
21. This is the amount of time the DESAT
threshold must be exceeded before
VOUT begins to go low, and the
FAULT output to go low.
22. This is the amount of time from when
RESET is asserted low, until FAULT
output goes high. The minimum
specification of 3
µs is the guaranteed
minimum FAULT signal pulse width
when the HCPL-316J is configured
for Auto-Reset. See the Auto-Reset
section in the applications notes at
the end of this data sheet for further
details.
23. Common mode transient immunity in
the high state is the maximum
tolerable dVCM/dt of the common
mode pulse, VCM, to assure that the
output will remain in the high state
(i.e., VO > 15 V or FAULT > 2 V). A
100 pF and a 3K
Ω pull-up resistor is
needed in fault detection mode.
24. Common mode transient immunity in
the low state is the maximum
tolerable dVCM/dt of the common
mode pulse, VCM, to assure that the
output will remain in a low state (i.e.,
VO < 1.0 V or FAULT < 0.8 V).
25. Does not include LED2 current
during fault or blanking capacitor
discharge current.
26. To clamp the output voltage at
VCC - 3 VBE, a pull-down resistor
between the output and VEE is
recommended to sink a static current
of 650
µA while the output is high.
See the Output Pull-Down Resistor
section in the application notes at the
end of this data sheet if an output
pull-down resistor is not used.
27. The recommended output pull-down
resistor between VOUT and VEE does
not contribute any output current
when VOUT = VEE.
28. In most applications VCC1 will be
powered up first (before VCC2) and
powered down last (after VCC2). This
is desirable for maintaining control of
the IGBT gate. In applications where
VCC2 is powered up first, it is
important to ensure that Vin+ remains
low until VCC1 reaches the proper
operating voltage (minimum 4.5 V) to
avoid any momentary instability at
the output during VCC1 ramp-up or
ramp-down.
Notes:
1. In accordance with UL1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 4500 Vrms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
This test is performed before the
100% production test for partial
discharge (method b) shown in IEC/
EN/DIN EN 60747-5-2 Insulation
Characteristic Table, if applicable.
2. The Input-Output Momentary With-
stand Voltage is a dielectric voltage
rating that should not be interpreted
as an input-output continuous voltage
rating. For the continuous voltage
rating refer to your equipment level
safety specification or IEC/EN/DIN
EN 60747-5-2 Insulation
Characteristics Table.
3. Device considered a two terminal
device: pins 1 - 8 shorted together
and pins 9 - 16 shorted together.
4. In order to achieve the absolute
maximum power dissipation
specified, pins 4, 9, and 10 require
ground plane connections and may
require airflow. See the Thermal
Model section in the application notes
at the end of this data sheet for
details on how to estimate junction
temperature and power dissipation. In
most cases the absolute maximum
output IC junction temperature is the
limiting factor. The actual power
dissipation achievable will depend on
the application environment (PCB
Layout, air flow, part placement,
etc.). See the Recommended PCB
Layout section in the application
notes for layout considerations.
Output IC power dissipation is
derated linearly at 10 mW/
°C above
90
°C. Input IC power dissipation does
not require derating.
5. Maximum pulse width = 10
µs,
maximum duty cycle = 0.2%. This
value is intended to allow for compo-
nent tolerances for designs with IO
peak minimum = 2.0 A. See
Applications section for additional
details on IOH peak. Derate linearly
from 3.0 A at +25
°C to 2.5 A at
+100
°C. This compensates for
increased IOPEAK due to changes in
VOL over temperature.
6. This supply is optional. Required only
when negative gate drive is
implemented.
7. Maximum pulse width = 50
µs,
maximum duty cycle = 0.5%.
8. See the Slow IGBT Gate Discharge
During Fault Condition section in the
applications notes at the end of this
data sheet for further details.
9. 15 V is the recommended minimum
operating positive supply voltage
(VCC2 - VE) to ensure adequate
margin in excess of the maximum
VUVLO+ threshold of 13.5 V. For High
Level Output Voltage testing, VOH is
measured with a dc load current.
When driving capacitive loads, VOH
will approach VCC as IOH approaches
zero units.
10. Maximum pulse width = 1.0 ms,
maximum duty cycle = 20%.
11. Once VOUT of the HCPL-316J is
allowed to go high (VCC2 - VE >
VUVLO), the DESAT detection feature
of the HCPL-316J will be the primary
source of IGBT protection. UVLO is
needed to ensure DESAT is
functional. Once VUVLO+ > 11.6 V,
DESAT will remain functional until
VUVLO- < 12.4 V. Thus, the DESAT
detection and UVLO features of the
HCPL-316J work in conjunction to
ensure constant IGBT protection.
12. See the Blanking Time Control
section in the applications notes at
the end of this data sheet for further
details.
13. This is the “increasing” (i.e. turn-on
or “positive going” direction) of
VCC2 -VE.
14. This is the “decreasing” (i.e. turn-off
or “negative going” direction) of
VCC2 -VE.
15. This load condition approximates the
gate load of a 1200 V/75A IGBT.
16. Pulse Width Distortion (PWD) is
defined as |tPHL - tPLH| for any given
unit.
17. As measured from VIN+, VIN- to VOUT.
18. The difference between tPHL and tPLH
between any two HCPL-316J parts
under the same test conditions.
19. Supply Voltage Dependent.
20. This is the amount of time from when
the DESAT threshold is exceeded,
until the FAULT output goes low.


Similar Part No. - HCPL316J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
More results

Similar Description - HCPL316J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
logo
Agilent(Hewlett-Packard...
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com