Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSBT2-M-DC3V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # DSBT2-M-DC3V
Description  4,000 V BREAKDOWN VOLTAGE DS RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSBT2-M-DC3V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  DSBT2-M-DC3V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSBT2-M-DC3V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSBT2-M-DC3V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
192
DS-BT
RELAYS
4,000 V BREAKDOWN
VOLTAGE DS RELAYS
TESTING
20.65
.813
10.5
.413
10.65
.419
FEATURES
•4,000 V breakdown voltage
•Reinforced insulation between coil and contacts
•Surge voltage withstand: 1500 V FCC Parts 68
SPECIFICATIONS
Contact
**1 This value can change due to the switching frequency, environmental
conditions, and desired reliability level, therefore it is recommended to
check this with the actual load.
Coil
Characteristics
Arrangement
2 Form C
2 Form D
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Contact material
Gold-clad silver
Rating
(resistive
load)
Nominal switching capacity
2 A 30 V DC
1 A 30 V DC
Max. switching power
60 W, 125 VA
30 W, 62.5 VA
Max. switching voltage
220 V DC, 250 V AC
Max. switching current
2 A
1 A
Min. switching capacity**1
10
µA 10 mV DC
Electrical
life (min.
ope.)
Mechanical (at 180 cpm)
2
×107
106
Electrical (at 20 cpm)
2
×105
Arrangement
2 Form C
2 Form D
Nominal operating power
360 mW
540 mW
Arrangement
2 Form C
2 Form D
Max. operating speed
60 cpm at rated load
Initial insulation resistance*1
Min. 100 M
Ω (at 500 V DC)
Initial
break-
down
voltage*2
Between open contacts
750 Vrms
for 1 min.
500 Vrms
for 1 min.
Between contacts and coil
4,000 Vrms for 1 min.
Between contacts sets
750 V
500 V
FCC surge voltage between open
contacts
1,500 V
Operate time*3 (at nominal volt-
age)
Approx. 3 ms
Release time (without diode)*3
(at nominal voltage)
Approx. 2 ms
Temperature rise
Max. 65
°C
Vibration
resistance
Functional*4
10 to 55 Hz
at double amplitude of 3.3 mm
Destruction*5
10 to 55 Hz
at double amplitude of 5 mm
Shock
resistance
Functional*6
Min. 294 m/s2 (30 G)
Destruction
Min. 980 m/s2 (100 G)
Conditions for oper-
ation, transport and
storage*7
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–40
°C to +70°C
–40
°F to +158°F
–40
°C to +60°C
–40
°F to +140°F
Humidity
5 to 85%R.H.
Unit weight
Approx. 4.0 g 0.14 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms, detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
TYPICAL APPLICATIONS
Modem
Facsimile
Telecommunication equipment
ORDERING INFORMATION
2
DSBT
M
Contact
arrangement
Sensitivity
MBB function
Coil voltage
2: 2 Form C or
2 Form D
DC 1.5, 3, 5,
6, 9, 12, 24 V
Nil: BBM (Form C)
2D: 2MBB
(2 Form D)
S: 360 mW
(2 Form C only)
M: 540 mW
(2 Form D only)
Note: Standard packing; Carton: 25 pcs. Case 1,000 pcs.
2D
DC3V
mm inch


Similar Part No. - DSBT2-M-DC3V

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSB DOMINANT-DSB Datasheet
1Mb / 14P
   Right Angle DomiLED
logo
Axiomtek Co., Ltd.
DSB-300 AXIOMTEK-DSB-300 Datasheet
244Kb / 1P
   Sn Dust-proof design
DSB-310 AXIOMTEK-DSB-310 Datasheet
197Kb / 1P
   Fanless operation
DSB-500-860 AXIOMTEK-DSB-500-860 Datasheet
267Kb / 1P
   Supports wall mount and VESA mount
DSB-500-870HM AXIOMTEK-DSB-500-870HM Datasheet
273Kb / 1P
   Supports wall mount and VESA mount
More results

Similar Description - DSBT2-M-DC3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DS PANASONICBATTERY-DS Datasheet
92Kb / 6P
   DS RELAYS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
SMTPAXXX BILIN-SMTPAXXX_03 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com