Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-32C02-FNS Datasheet(PDF) 1 Page - C&K Components

Part # PS-32C02-FNS
Description  Pushbutton Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-32C02-FNS Datasheet(HTML) 1 Page - C&K Components

  PS-32C02-FNS Datasheet HTML 1Page - C&K Components PS-32C02-FNS Datasheet HTML 2Page - C&K Components PS-32C02-FNS Datasheet HTML 3Page - C&K Components PS-32C02-FNS Datasheet HTML 4Page - C&K Components PS-32C02-FNS Datasheet HTML 5Page - C&K Components PS-32C02-FNS Datasheet HTML 6Page - C&K Components PS-32C02-FNS Datasheet HTML 7Page - C&K Components PS-32C02-FNS Datasheet HTML 8Page - C&K Components PS-32C02-FNS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.55 ~0.65
1.5 ~ 2.0
1
2
C
A-135
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
Features/Benefits
Latching pushbutton
Non-shorting with lock
5 mm travel
SPDT
Typical Applications
Automotive interior lighting
Computer peripherals
Appliances
PS-12G Series
Pushbutton Switches
Dimensions
FOOTPRINT: 14 X 16.8 mm
HEIGHT: 18 mm
Specifications
CONTACT RATING: 1A @ 14 VDC
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 20,000 cycles with load
OPERATING FORCE: 400 ± 100 gf
OPERATING POSITION: 3.6 ± 0.2 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM (UL 94HB)
HOUSING: PBT (UL 94V-0)
COVER: PBT (UL 94V-0)
ROTOR: PBT (UL 94V-0)
SLIDER: POM (UL 94HB)
TERMINAL: Phospher bronze, silver plated
SPRING: Stainless steel
CONTACT: Phospher bronze, silver plated
200 pieces
PS-12G01
SCHEMATIC
PACKAGING
PART NUMBER


Similar Part No. - PS-32C02-FNS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-3-01 ETC2-PS-3-01 Datasheet
60Kb / 1P
   PUSH SPACER
PS-3-19 ETC2-PS-3-19 Datasheet
60Kb / 1P
   PUSH SPACER
logo
Altech corporation
PS-30 ALTECH-PS-30 Datasheet
91Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
PS-30 ALTECH-PS-30 Datasheet
119Kb / 1P
   30W Single Output Industrial DIN Rail Power Supply
PS-3005 ALTECH-PS-3005 Datasheet
91Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - PS-32C02-FNS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com