Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17503 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17503
Description  Wide 4.5V to 60V Input Voltage Range
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17503 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17503 Datasheet HTML 1Page - Maxim Integrated Products MAX17503 Datasheet HTML 2Page - Maxim Integrated Products MAX17503 Datasheet HTML 3Page - Maxim Integrated Products MAX17503 Datasheet HTML 4Page - Maxim Integrated Products MAX17503 Datasheet HTML 5Page - Maxim Integrated Products MAX17503 Datasheet HTML 6Page - Maxim Integrated Products MAX17503 Datasheet HTML 7Page - Maxim Integrated Products MAX17503 Datasheet HTML 8Page - Maxim Integrated Products MAX17503 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Maxim Integrated │ 4
MAX17503
4.5V-60V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
With Internal Compensation
www.maximintegrated.com
Electrical Characteristics (continued)
(VIN = VEN/UVLO=24V,RRT = 40.2kI(500kHz),CVCC=2.2μF,VPGND = VSGND = VMODE = VSYNC = 0V, LX = SS = RESET = open,
VBST to VLX = 5V, VFB = 1V, TA = TJ = -40ºC to +125ºC, unless otherwise noted. Typical values are at TA = +25ºC. All voltages are
referencedtoSGND,unlessotherwisenoted.)(Note2)
Note 2: All limits are 100% tested at +25ºC. Limits over temperature are guaranteed by design.
Note 3: See the Overcurrent Protection/Hiccup Mode Section for more details.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
SYNC Pulse Width
50
ns
SYNC Threshold
VIH
2.1
V
VIL
0.8
FB Undervoltage Trip Level to
CauseHiccup
VFB-HICF
0.56
0.58
0.65
V
HiccupTimeout
(Note 3)
32,768
Cycles
Minimum On-Time
tON-MIN
135
ns
Minimum Off-Time
tOFF-MIN
140
160
ns
LX Dead Time
5
ns
RESET
RESET Output Level Low
IRESET = 10mA
0.4
V
RESET Output Leakage Current
TA = TJ = +25ºC, VRESET = 5.5V
-0.1
+0.1
µA
FB Threshold for RESET Assertion
VFB-OKF
VFB falling
90.5
92
94.6 %VFB-
REG
FB Threshold for RESET
Deassertion
VFB-OKR
VFB rising
93.8
95
97.8 %VFB-
REG
RESET Deassertion Delay After FB
Reaches95%Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
165
ºC
Thermal-ShutdownHysteresis
10
ºC


Similar Part No. - MAX17503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17503ATP++ MAXIM-MAX17503ATP+ Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17503ATP+T MAXIM-MAX17503ATP+T Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17503EVKITA MAXIM-MAX17503EVKITA Datasheet
751Kb / 11P
   3.3V Output-Voltage Application
Rev 0; 9/13
MAX17503EVKITB MAXIM-MAX17503EVKITB Datasheet
754Kb / 11P
   5V Output-Voltage Application
Rev 1; 12/13
More results

Similar Description - MAX17503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690 Datasheet
714Kb / 22P
   4.5V to 60V Input Voltage Range
Rev 1; 12/16
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
   Wide 4.5V to 36V Input Range
Rev 0; 3/19
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
   8V to 60V Wide Input Voltage Range
Rev 0; 1/20
logo
Shenzhen Huazhimei Semi...
HM8114H HMSEMI-HM8114H Datasheet
749Kb / 8P
   Wide 4.5V to 30V Operating input Range
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
   Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com