Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK-22H06-SG Datasheet(PDF) 4 Page - C&K Components

Part # SK-22H06-SG
Description  Miniature Slide Switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SK-22H06-SG Datasheet(HTML) 4 Page - C&K Components

  SK-22H06-SG Datasheet HTML 1Page - C&K Components SK-22H06-SG Datasheet HTML 2Page - C&K Components SK-22H06-SG Datasheet HTML 3Page - C&K Components SK-22H06-SG Datasheet HTML 4Page - C&K Components SK-22H06-SG Datasheet HTML 5Page - C&K Components SK-22H06-SG Datasheet HTML 6Page - C&K Components SK-22H06-SG Datasheet HTML 7Page - C&K Components SK-22H06-SG Datasheet HTML 8Page - C&K Components SK-22H06-SG Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
2P - 3T
SCHEMATIC
1
23
2-Ø1.2
8-Ø0.8
PIERCING PLAN
22
4
13.2
G =
14.8
3
2
2
22
4
0.5
13.2
0.4
2.5
0.3
5.6
K DETAIL 2 : 1
TRAVEL
K
2
P
P DETAIL 2 : 1
COMAX
90°
1.15
11
R0.4
0.8
1.4
1.15
0.62
SCHEMATIC
12
12-Ø0.8
2
PIERCING PLAN
2
13.2
22
2
2-Ø1.3
4P - 2T
1.25
R0.4
0.8
1.55
TYP.4
25°
0.4
4-R0.15
TYP.4
50°
1
K DETAIL 2 : 1
1.25
0.4
0.5
13.2
2
22
22
5.6
2.5
K
2
P
3
TRAVEL
15
COMAX
DETAIL 2 : 1
SG
P
0.3
I–70
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
SK-23D05-G 2P3T
SK-42D05-SG NS 4P2T NON-SHORTING
I
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
250 ± 100 gf (2.45 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM
FRAME: SPCC
CONTACT: Silver clad
TERMINAL: Silver plated
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 250 ± 100 gf (2.45 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM
FRAME: SPCC
CONTACT: Silver clad
TERMINAL: Silver plated
SK Series
Miniature Slide Switches


Similar Part No. - SK-22H06-SG

ManufacturerPart #DatasheetDescription
logo
C&K Components
SK-22H04-G12NS CK-COMPONENTS-SK-22H04-G12NS Datasheet
1Mb / 18P
   Miniature Slide Switches - Side Knob
15 Mar 22
SK-22H04-G7NS CK-COMPONENTS-SK-22H04-G7NS Datasheet
1Mb / 18P
   Miniature Slide Switches - Side Knob
15 Mar 22
SK-22H04-G9NS CK-COMPONENTS-SK-22H04-G9NS Datasheet
1Mb / 18P
   Miniature Slide Switches - Side Knob
15 Mar 22
More results

Similar Description - SK-22H06-SG

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com