Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS820J20MSMTRLFS Datasheet(PDF) 1 Page - C&K Components

Part # PTS820J20MSMTRLFS
Description  Microminiature SMT Top Actuated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS820J20MSMTRLFS Datasheet(HTML) 1 Page - C&K Components

  PTS820J20MSMTRLFS Datasheet HTML 1Page - C&K Components PTS820J20MSMTRLFS Datasheet HTML 2Page - C&K Components PTS820J20MSMTRLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B–27
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
Operating
Life
Height
Pegs
Force (gf)
Cycles
mm
PTS820 J25M SMTR LFS
160 ± 50
200,000
2.5
No
PTS820 J25K SMTR LFS
250 ± 50
100,000
2.5
No
PTS820 J25MP SMTR LFS
160 ± 50
200,000
2.5
Yes
PTS820 J25KP SMTR LFS
250 ± 50
100,000
2.5
Yes
PTS820 J20M SMTR LFS
160 ± 50
200,000
2.0
No
PTS820 J20K SMTR LFS
250 ± 50
100,000
2.0
No
PTS820 J20MP SMTR LFS
160 ± 50
200,000
2.0
Yes
PTS820 J20KP SMTR LFS
250 ± 50
100,000
2.0
Yes
PTS820 J15M SMTR LFS
160 ± 50
200,000
1.5
No
PTS820 J15K SMTR LFS
250 ± 50
100,000
1.5
No
PTS820 J15MP SMTR LFS
160 ± 50
200,000
1.5
Yes
PTS820 J15KP SMTR LFS
250 ± 50
100,000
1.5
Yes
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
T
S
S
M
Height
15 1.5 mm
20 2.0 mm
25 2.5 mm
Actuation Force
M 160 gf
K 250 gf
Pegs
P with pegs
Void no pegs
Packaging
SMTR Tape & reel
L
F
S
LFS RoHS, silver plated
PTS 820 Series
Microminiature SMT Top Actuated
Features/Benefits
3.9 x 2.9 mm footprint
Three different heights
High number of cycles
Reduced footprint
Typical Applications
Control panels
Nomad devices
Remote controls
Keyless entry system
Specifications
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST N.O.
TERMINALS: J type for SMT
TRAVEL: 0.2mm + 0.1mm / -0.05 mm
Electrical
MAXIMUM VOLTAGE:
12 VDC
MAXIMUM CURRENT DC:
50 mA
DIELECTRIC STRENGTH:
100 VA C (1mn)
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 100 MΩ
BOUNCE TIME:
≤ 10 ms
Environmental
OPERATING TEMPERATURE:
-40˚C to 85˚C
Process
SOLDERING: This component is suited to the following methods:
Infrared Reflow Soldering in accordance with IEC61760-1
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Packaging
Switches in reels of 2,500 pieces for 1.5 and 2.0 mm height
Switches in reels of 2,300 pieces for 2.5 mm height
Dimensions of reels according to EIA 481B
External diameter 330 mm
8
2
0
T
R
J
Actuator Type
J J bend SMT
P


Similar Part No. - PTS820J20MSMTRLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS820J20MSMTRLFS CK-COMPONENTS-PTS820J20MSMTRLFS Datasheet
213Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
More results

Similar Description - PTS820J20MSMTRLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR4 CK-COMPONENTS-KMR4_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
14 Nov 22
PTS830 CK-COMPONENTS-PTS830_V01 Datasheet
186Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
KMR2 CK-COMPONENTS-KMR2 Datasheet
179Kb / 2P
   Microminiature SMT Top Actuated
KMR4 CK-COMPONENTS-KMR4 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820 Datasheet
183Kb / 4P
   Microminiature SMT Top Actuated
KMR421GLFS CK-COMPONENTS-KMR421GLFS Datasheet
162Kb / 2P
   Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820_V01 Datasheet
213Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
KMR2 CK-COMPONENTS-KMR2_V01 Datasheet
192Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
   Microminiature SMT Top Actuated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com