Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8BU41G Datasheet(PDF) 2 Page - C&K Components

Part # K8BU41G
Description  Lighted SMT Tact Switch with Rugged LED Mounting Process
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K8BU41G Datasheet(HTML) 2 Page - C&K Components

  K8BU41G Datasheet HTML 1Page - C&K Components K8BU41G Datasheet HTML 2Page - C&K Components K8BU41G Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B–68
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
K8
Lighted SMT Tact Switch with Rugged LED Mounting Process
1,1
1,8
1,8
1,8
1,8
0,8
6,56
8,4
8,3
PCB LAYOUT
TOP VIEW
ELECTRICAL GRAPH
2
1
3
5
4
1
2
3
5
4
Year
Day of year
1
2
3
5
4
pick and place area :
top of LED
2.5 max
1
1
0,1
PART NUMBER
REF LED
EMITTED
COLOR
LUMINOUS INTENSITY
(mcd) If = 20 mA
CHROMATICITY
COORDINATES OR
PEAK WAVE LENGTH
(typ) If = 20 mA
FORWARD
VOLTAGE V
If = 20 MA
min
typ
X
Y
min
max
K8WH41G
LW T67C-S2U1-5K8L
WHITE
224
560
0,33
0,333
K8BU41G
LB T67C-P2R1-35
BLUE
56
140
465 nm
3
4.1
K8PG41G
LP T676-L1M2-25
PURE GREEN
11.2
28
562 nm
1.8
2. 4
K8SR41G
LP T676-Q1R2-1
SUPER RED
71
180
645 nm
1.8
2.3
K8OG41G
LO T676-R1S2-24
ORANGE
112
280
610 nm
1.85
2.35
4.1


Similar Description - K8BU41G

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
   Lighted SMT Tact Switch
logo
ITT Industries
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
743Kb / 6P
   Right Angle Lighted SMT Tact Switch
logo
ITT Industries
K5V ITT-K5V Datasheet
740Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
logo
C&K Components
K8 CK-COMPONENTS-K8 Datasheet
367Kb / 2P
   Illuminated SMT Tact Switch with Dedicated LED
10 jan 18
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
   Illuminated SMT Tact Switch
10 jan 18
KSC5 CK-COMPONENTS-KSC5 Datasheet
167Kb / 2P
   Tact Switch with Rocker Option for SMT
logo
ITT Industries
KSC5 ITT-KSC5 Datasheet
63Kb / 3P
   Tact Switch with Rocker Option for SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com