Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL33357E Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL33357E
Description  Full fail-safe (open/short) RS-485/422 port 2 Rx
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33357E Datasheet(HTML) 5 Page - Intersil Corporation

  ISL33357E Datasheet HTML 1Page - Intersil Corporation ISL33357E Datasheet HTML 2Page - Intersil Corporation ISL33357E Datasheet HTML 3Page - Intersil Corporation ISL33357E Datasheet HTML 4Page - Intersil Corporation ISL33357E Datasheet HTML 5Page - Intersil Corporation ISL33357E Datasheet HTML 6Page - Intersil Corporation ISL33357E Datasheet HTML 7Page - Intersil Corporation ISL33357E Datasheet HTML 8Page - Intersil Corporation ISL33357E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL33354E, ISL33357E
5
FN8775.1
October 21, 2016
Submit Document Feedback
TABLE 3. ISL33354E AND ISL33357E FUNCTION TABLE
INPUTS
RECEIVER OUTPUTS
DRIVER OUTPUTS
CHARGE
PUMPS
(Note 4)
DRIVER
DATA
RATE
(bps)
MODE
PORT
SHDN
RE485
DE485
SLOW485
RO
R1OUT
AND
R2OUT
Y AND Z
T1OUT AND
T2OUT
1
1
N.A.
N.A.
N.A.
N.A.
ON
N.A.
ON
ON
460k
RS-232
2
1
0
0
0
ON
N.A.
High-Z
N.A.
ON
115k
RS-485 Rx
2
1
0
1
0
ON
N.A.
ON
N.A.
ON
115k
RS-485 Tx
and Rx
2
1
1
1
0
High-Z
N.A.
ON
N.A.
ON
115k
RS-485 Tx
21
001
ON
N.A.
High-Z
N.A.
ON
20M
RS-485 Rx
2
1
0
1
1
ON
N.A.
ON
N.A.
ON
20M
RS-485 Tx
and Rx
21
111
High-Z
N.A.
ON
N.A.
ON
20M
RS-485 Tx
1 and 2
0
X
X
X
High-Z
High-Z
High-Z
High-Z
OFF
N.A.
Shutdown
NOTE:
4. Charge pumps are off if SHDN = 0. If SHDN = 1, the charge pumps are on.
Truth Tables
RS-232 TRANSMITTING (PORT 1)
INPUTS
OUTPUTS
SHDN
T1IN
T2IN
T1OUT
T2OUT
10011
10110
11001
11100
0
X
X
High-Z
High-Z
RS-232 RECEIVING (PORT 1)
INPUTS
OUTPUTS
SHDN
R1IN
R2IN
R1OUT
R2OUT
10011
10110
11001
11100
1
Open
Open
1
1
0
X
X
High-Z
High-Z
RS-485 TRANSMITTING (PORT 2)
INPUTS
OUTPUTS
SHDN
DE485
DI
SLOW485
Y
Z
DATA RATE (bps)
1
1
0
0
0
1
115k
1
1
1
0
1
0
115k
1
1
0
1
0
1
20M
1
1
1
1
1
0
20M
1
0
X
X
High-Z High-Z
N.A.
0
X
X
X
High-Z High-Z
N.A.
RS-485 RECEIVING (PORT 2)
INPUTS
OUTPUT
SHDN
RE485
A-B
RO
10
≥-40mV
1
10
≤-200mV
0
1
0
Open or shorted together
1
11
X
High-Z
0X
X
High-Z


Similar Part No. - ISL33357E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33357E INTERSIL-ISL33357E Datasheet
820Kb / 23P
   Operates from a single 3.3V supply
logo
Renesas Technology Corp
ISL33357E RENESAS-ISL33357E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33357E RENESAS-ISL33357E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33357EIRZ RENESAS-ISL33357EIRZ Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33357EIRZ-T RENESAS-ISL33357EIRZ-T Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL33357E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com