Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL33354E Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL33354E
Description  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33354E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL33354E Datasheet HTML 3Page - Intersil Corporation ISL33354E Datasheet HTML 4Page - Intersil Corporation ISL33354E Datasheet HTML 5Page - Intersil Corporation ISL33354E Datasheet HTML 6Page - Intersil Corporation ISL33354E Datasheet HTML 7Page - Intersil Corporation ISL33354E Datasheet HTML 8Page - Intersil Corporation ISL33354E Datasheet HTML 9Page - Intersil Corporation ISL33354E Datasheet HTML 10Page - Intersil Corporation ISL33354E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL33334E, ISL33337E
7
FN8776.1
October 21, 2016
Submit Document Feedback
DC CHARACTERISTICS - RS-485 RECEIVER INPUTS (PORT 2)
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ 12V, full fail-safe
Full
-0.2
-
-0.04
V
Receiver Input Hysteresis
VTH
VCM = 0V
25
-
35
-
mV
Receiver Input Current (A, B)
IIN
VCC = 0V or 3.0 to 3.6V
VIN = 12V
Full
-
-
0.8
mA
VIN = -7V
Full
-0.64
--
mA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V, VCC = 0 (Note 13) or
3V ≤ VCC ≤ 3.6V
Full
15
--
DC CHARACTERISTICS - RS-232 RECEIVER INPUTS (PORT 1)
Receiver Input Voltage Range
VIN
Full
-25
-
25
V
Receiver Input Threshold
VIL
Full
-
1.1
0.8
V
VIH
Full
2.4
1.6
-
V
Receiver Input Hysteresis
VTH
25
-
0.5
-
V
Receiver Input Resistance
RIN
VIN = ±15V, VCC powered up (Note 13)Full
3
5
7
DC CHARACTERISTICS - RECEIVER OUTPUTS (PORT 1 and 2)
Receiver Output High Voltage
VOH
IO = -1.5mA
Full
VCC-0.4
--
V
Receiver Output Low Voltage
VOL
IO = 5mA
Full
-
0.2
0.4
V
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
7
-
85
mA
Receiver Three-State Output Current
IOZR
Output Disabled, 0V ≤ VO ≤ VCC
Full
-
-
±10
µA
POWER SUPPLY CHARACTERISTICS
No-Load Supply Current, (Note 11)ICC
SHDN = VCC
Full
-
3.7
7
mA
Shutdown Supply Current
ISHDN
SHDN = SLOW485 = GND, RE485 = VCC,
DE485 = GND
Full
-
40
160
µA
ESD CHARACTERISTICS
Bus Pins (A, B, Y, Z, RxIN, TxOUT) Any
Port
Human body model
25
-
±15
-
kV
All Other Pins
Human body model
25
-
±2.5
-
kV
Machine model
25
-
±200
-
V
RS-232 DRIVER AND RECEIVER SWITCHING CHARACTERISTICS (PORT 1, ALL VERSIONS AND SPEEDS)
Driver Output Transition Region
Slew Rate
SR
RL =3kΩ, Measured From
3V to -3V or -3V to 3V
CL ≥15pF
Full
-
20
30
V/µs
CL 2500pF
Full
4
9
-
V/µs
Driver Output Transition Time
tr, tf
RL =3kΩ, CL = 2500pF, 10% - 90%
Full
0.22
1.2
3.1
µs
Driver Propagation Delay
tDPHL
RL =3kΩ CL = 1000pF (Figure 7)
Full
-
1
2
µs
tDPLH
Full
-
1.2
2
µs
Driver Propagation Delay Skew
tDSKEW
tDPHL - tDPLH (Figure 7)
Full
-
300
450
ns
Driver Enable Time from Shutdown
tDENSD
VOUT = ±3.0V, CL = 1000pF
25
-
25
-
µs
Driver Maximum Data Rate
DRD
RL =3kΩ, CL = 500pF, One Transmitter
Switching
Full
250
400
-
kbps
Receiver Propagation Delay
tRPHL
CL = 15pF (Figure 8)
Full
-
40
120
ns
tRPLH
Full
-
58
120
ns
Electrical Specifications Test Conditions: VCC = 3.15V to 3.45V, C1 - C4 = 0.1µF; unless otherwise specified. Typicals are at VCC = 3.3V,
TA = +25°C (Note 10). (Continued)Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)TYP
MAX
(Note 14)UNIT


Similar Part No. - ISL33354E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33354E INTERSIL-ISL33354E Datasheet
775Kb / 23P
   Full fail-safe (open/short) RS-485/422 port 2 Rx
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL33354EIAZ INTERSIL-ISL33354EIAZ Datasheet
775Kb / 23P
   Full fail-safe (open/short) RS-485/422 port 2 Rx
logo
Renesas Technology Corp
ISL33354EIAZ RENESAS-ISL33354EIAZ Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL33354E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com