Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM03-3003LFT Datasheet(PDF) 5 Page - C&K Components

Part # CCM03-3003LFT
Description  Compatible with pick and place and
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3003LFT Datasheet(HTML) 5 Page - C&K Components

  CCM03-3003LFT Datasheet HTML 1Page - C&K Components CCM03-3003LFT Datasheet HTML 2Page - C&K Components CCM03-3003LFT Datasheet HTML 3Page - C&K Components CCM03-3003LFT Datasheet HTML 4Page - C&K Components CCM03-3003LFT Datasheet HTML 5Page - C&K Components CCM03-3003LFT Datasheet HTML 6Page - C&K Components CCM03-3003LFT Datasheet HTML 7Page - C&K Components CCM03-3003LFT Datasheet HTML 8Page - C&K Components CCM03-3003LFT Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
28
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ck-components.com
CCM03-3004 LFT
CCM03 MK2 Series
MICROSIM CARD
R 1,9
3,81 3,8
3,5
2,45
1,25
5,65±0,2
13,8
29,65
(29,65)
0,7
25˚
0,8
(25,5)
R 1,9
0,4
25,5±0,2
13,15
2,1
10,16
20,32
3,813,81
180˚max
(25,5)
ø1±0,05
ø 0,1 A B
XX-XXX
SEE DETAIL A
Date Code area
Mated condition
2x
Pick and place area
ø3,5
Slider locked
Bump
DETAIL A
Scale 5
B
2
23,2
25,5
2,5 5,5
5,5
3,813,81
1,5
1,5
9,34
6,35
20,32
+0,1
ø 1,2 0
ø 0,1
1,44
Contact location according to
ENV1375-1 & GSM11-11
Contact foot area
0,8 x 1
RECOMMENDED PC BOARD LAYOUT
(Component side)
Prohibited area
C5
Plastic outline
Pad
C6
C7
C1
C2
C3
2x
C8
C4


Similar Part No. - CCM03-3003LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3003LFT CK-COMPONENTS-CCM03-3003LFT Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3003LFTR102 CK-COMPONENTS-CCM03-3003LFTR102 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
More results

Similar Description - CCM03-3003LFT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53913NLT PULSE-PE-53913NLT Datasheet
142Kb / 1P
   Pick and place compatible
logo
Festo Corporation.
HSP-12-AP-SD FESTO-HSP-12-AP-SD Datasheet
82Kb / 2P
   Pick and place machine
HSP-12-AP-SD-WL FESTO-HSP-12-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
HSP-12-AS FESTO-HSP-12-AS Datasheet
85Kb / 2P
   Pick and place machine
HSP-16-AP-SD FESTO-HSP-16-AP-SD Datasheet
83Kb / 2P
   Pick and place machine
HSP-16-AP-WL FESTO-HSP-16-AP-WL Datasheet
99Kb / 2P
   Pick and place machine
HSP-25-AP-WL FESTO-HSP-25-AP-WL Datasheet
98Kb / 2P
   Pick and place machine
HSP-25-AP-WR FESTO-HSP-25-AP-WR Datasheet
99Kb / 2P
   Pick and place machine
HSP-25-AS FESTO-HSP-25-AS Datasheet
85Kb / 2P
   Pick and place machine
HSW-10-AP-SD-AW FESTO-HSW-10-AP-SD-AW Datasheet
82Kb / 2P
   Pick and place machine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com