Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABC350-1058L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC350-1058L
Description  Approved to EN60950-1 2nd Edition
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350-1058L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC350-1058L Datasheet HTML 1Page - Bel Fuse Inc. ABC350-1058L Datasheet HTML 2Page - Bel Fuse Inc. ABC350-1058L Datasheet HTML 3Page - Bel Fuse Inc. ABC350-1058L Datasheet HTML 4Page - Bel Fuse Inc. ABC350-1058L Datasheet HTML 5Page - Bel Fuse Inc. ABC350-1058L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 Bel Power Solutions, Inc.
North America
+1.866.513.2839
Asia-Pacific
+86.755.29885888
Europe, Middle East
+353.61.225.977
tech.support@psbel.com
BCD.00560_AD
3 x 5 x 1 Inches Form Factor
350 W with Forced Air Cooling & 200 W with
Convection Cooling
Efficiencies up to 94%
-40 to 70 °C Operating Temperature
12 V / 0.5 A Fan Output, Thermal Shut-Down
Feature
2.56 Million Hours, Telcordia - SR332-Issue 3
MTBF
Standby Power < 0.5 W
Approved to EN60950-1 2nd Edition
RoHS Compliant
CE Marked
The ABC350 Series of open frame power
supplies feature a wide universal AC input
range of 90 – 264 VAC, offering 350 W of
output power in a compact 3 x 5 x 1 inch
footprint, with a variety of isolated single
output voltages.
The high efficiency and high power density of
the ABC family ensures minimal power loss in
end-use equipment, thereby facilitating higher
reliability, easier thermal management and
meets
regulatory
approvals
for
environmentally-friendly end products.
These power supplies are ideal for telecom,
datacom, industrial equipment and other
applications.
Instrumentation
Lighting
Industrial Applications
Applied Computing
Renewable Energy
Test and Measurement
Automation Control
Wireless Communication


Similar Part No. - ABC350-1058L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350-1058L BEL-ABC350-1058L Datasheet
779Kb / 6P
   RoHS Compliant
More results

Similar Description - ABC350-1058L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
   65W Medical 60601-1 3rd Edition approved
logo
NEC
65PWB31 NEC-65PWB31 Datasheet
168Kb / 10P
   DOD-PD-0734 (2nd edition)
logo
Bel Fuse Inc.
0RQ1-C5W24M BEL-0RQ1-C5W24M Datasheet
657Kb / 14P
   Approved to UL/CSA60950-1, 2nd A2 version(TBD)
logo
SynQor Worldwide Headqu...
PQ60050EKX10 SYNQOR-PQ60050EKX10 Datasheet
1Mb / 15P
   TUV certified to EN60950-1
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
   UL, IEC/EN60950-1 & EN50155 Pending
logo
Vincotech
V23990-P709-F40-P1-19 VINCOTECH-V23990-P709-F40-P1-19 Datasheet
254Kb / 3P
   flow90PACK 1 2nd gen
V23990-P707-F40-P1-19 VINCOTECH-V23990-P707-F40-P1-19 Datasheet
247Kb / 3P
   flow90PACK 1 2nd gen
V23990-P708-F40-P1-14 VINCOTECH-V23990-P708-F40-P1-14 Datasheet
1Mb / 17P
   flow90PACK 1 2nd gen
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com