Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM01-2604LFTT25 Datasheet(PDF) 1 Page - C&K Components

Part # CCM01-2604LFTT25
Description  Operating life 500,000 cycles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM01-2604LFTT25 Datasheet(HTML) 1 Page - C&K Components

  CCM01-2604LFTT25 Datasheet HTML 1Page - C&K Components CCM01-2604LFTT25 Datasheet HTML 2Page - C&K Components CCM01-2604LFTT25 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ck-components.com
CCM01 MK5 Series
Features/Benefits
Operating life 500,000 cycles
Low profile 4 mm and 3.2 mm height
PCI ready
Card detection sealed switch
Typical Applications
Transaction
Identification
POS
MPOS
Mechanical
NUMBER OF CONTACTS:
8
MECHANICAL LIFE:
500,000 cycles
CARD INSERTION FORCE:
10 N max.
CARD EXTRACTION FORCE:
1 N min. / 10 N max.
CONTACT FORCE:
0,2 N / 0,60 N max.
Packaging
Tray 25 parts or Reel 350 parts
Soldering
Compatible with lead free SMT reflow soldering process
How To Order
To order, simply select desired option from each category and place in the appropriate box. For additional options not shown in
catalog, consult our Customer Service Center.
Cover Material
5
Plastic, 4.0 mm height
6
Metal, 3.2 mm height
7
Plastic, I/O
Contact Tail on PCB
0
Short, recessed (best for PCI)
1
Long (accessible, easy rework)
2
Long + 2 metal pegs (40 N overload)
3
Short, no pegs
Lead Free RoHS
LFT Tin plated termnals
ESD Protection
3
Full ESD protection (card edge & IC)
4
Card edge ESD (only for metal version)
5
Low cost ESD (card edge for plastic cover)
Packaging
T25
Pack tray 25 parts
R351
Pack reel 350 parts
NONE
Leave blank
AE
only applicable with
metal pegs option
(CCM01-2x2x)
0
1
-
2
L
F
T
Contact Electrical Data
INSULATION RESISTANCE:
1,000 M
Ω min.
CONTACT RESISTANCE:
100 m
Ω max.
CURRENT RATING:
10 µA min. / 1A max.
DIELECTRIC STRENGTH:
750 Vrms min.
Switch Electrical Data
CARD DETECTION SWITCH:
Normally open
CONTACT RESISTANCE:
100 m
Ω max.
DIELECTRIC STRENGTH:
250 Vrms min.
CURRENT RATING:
1 mA min. / 10 mA max.
MAXIMUM POWER:
0.2 VA
Environmental Data
OPERATING TEMPERATURE: -40˚C to + 85˚C
CARD DETECTION SWITCH:
Sealed against dust
RoHS compliant
C
C M


Similar Part No. - CCM01-2604LFTT25

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM01-2604LFTT25 CK-COMPONENTS-CCM01-2604LFTT25 Datasheet
908Kb / 3P
   CCM01 MK5 Series
2020
More results

Similar Description - CCM01-2604LFTT25

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM02MK2 CK-COMPONENTS-CCM02MK2 Datasheet
4Mb / 5P
   Operating life 500,000 cycles
logo
ALPS ELECTRIC CO.,LTD.
SKSM ALPS-SKSM Datasheet
757Kb / 3P
   Compact type with 500,000-cycle operating life
logo
C&K Components
CCM02-2503 CK-COMPONENTS-CCM02-2503 Datasheet
117Kb / 2P
   500,000 card insertion cycles.
2004
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
E-SWITCH
ST790010 E-SWITCH-ST790010 Datasheet
149Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
T790005 E-SWITCH-T790005 Datasheet
237Kb / 1P
   ELECTRIC LIFE: 20,000 CYCLES
XF0090P E-SWITCH-XF0090P Datasheet
198Kb / 1P
   ELECTRICAL LIFE: 50,000 CYCLES
ST790006 E-SWITCH-ST790006 Datasheet
146Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
ST790000 E-SWITCH-ST790000 Datasheet
154Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
T790002 E-SWITCH-T790002 Datasheet
247Kb / 1P
   ELECTRIC LIFE: 20,000 CYCLES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com