Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB18P06PG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPB18P06PG
Description  SIPMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB18P06PG Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPB18P06PG_12 Datasheet HTML 1Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 2Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 3Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 4Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 5Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 6Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 7Page - Infineon Technologies AG SPB18P06PG_12 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPB18P06P
G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
-4 V
-4.5 V
-5.5 V
-5 V
-6 V
-7 V
-10 V
-20 V
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
30
35
-I D [A]
25 °C
125 °C
0
2
4
6
8
10
12
14
0123
456
-V GS [V]
0
2
4
6
8
10
12
14
0
5
10
15
20
-I D [A]
-4 V
-4.5 V
-5 V
-5.5 V
-6 V
-7V
-20V
-10 V
0
5
10
15
20
25
01
23
45
-V DS [V]
Rev 1.
6
page 5
20
12-09-07


Similar Part No. - SPB18P06PG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB18P06PG INFINEON-SPB18P06PG Datasheet
314Kb / 8P
   SIPMOS Power-Transistor
Rev 1.4 2008-07-09
logo
VBsemi Electronics Co.,...
SPB18P06PG VBSEMI-SPB18P06PG Datasheet
982Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPB18P06PG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com