Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD02N80C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD02N80C3
Description  CoolMOSTM Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD02N80C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD02N80C3 Datasheet HTML 1Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPD02N80C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPD02N80C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
290
-
pF
Output capacitance
C oss
-
13
-
Effective output capacitance, energy
related
6)
C o(er)
-
11
-
Effective output capacitance, time
related
7)
C o(tr)
-
26
-
Turn-on delay time
t d(on)
-
25
-
ns
Rise time
t r
-
15
-
Turn-off delay time
t d(off)
-
72
-
Fall time
t f
-
18
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
1.5
-
nC
Gate to drain charge
Q gd
-
6
-
Gate charge total
Q g
-
12
16
Gate plateau voltage
V plateau
-
5.5
-
V
Reverse Diode
Diode forward voltage
V SD
V GS=0 V, I F=I S=2 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
520
-
ns
Reverse recovery charge
Q rr
-
2
-
µC
Peak reverse recovery current
I rrm
-
6
-
A
6) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
7) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
Values
V GS=0 V, V DS=100 V,
f =1 MHz
V DD=400 V,
V GS=0/10 V, I D=2 A,
R G=47 ? , T j=25 °C
V DD=640 V, I D=2 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
5) Device on 40mm*40mm*1.5 epoxy PCB FR4 with 6cm² (one layer, 70µm thick) copper area for drain connection.
PCB is vertical without blown air
V R=400 V, I F=I S=2 A,
di F/dt =100 A/µs
3) Repetitive avalanche causes additional power losses that can be calculated as P
AV=E AR*f.
4) I
SD=ID, di/dt=400A/µs, VDClink = 400V, Vpeak<V(BR)DSS, Tj<Tjmax , identical low side and high side switch
2) Pulse width t
p limited by T j,max
1) J-STD20 and JESD22
Rev. 2.91
page 3
2011-09-28
2.92
2013-07-31


Similar Part No. - SPD02N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD02N80C3 INFINEON-SPD02N80C3 Datasheet
433Kb / 11P
   CoolMOS Power Transistor
Rev. 2.4 2005-10-05
SPD02N80C3 INFINEON-SPD02N80C3 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
logo
Inchange Semiconductor ...
SPD02N80C3 ISC-SPD02N80C3 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results

Similar Description - SPD02N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
SPA06N60C3 INFINEON-SPA06N60C3_10 Datasheet
227Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.3 2010-12-21
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
SPP11N80C3 INFINEON-SPP11N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD06N80C3 INFINEON-SPD06N80C3_13 Datasheet
631Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
IPP50R350CP INFINEON-IPP50R350CP_12 Datasheet
781Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.1 2012-05-08
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com