Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB20020 Datasheet(PDF) 2 Page - SMSC Corporation

Part # EVB20020
Description  Industrial ARCNET AT Adapter Card
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EVB20020 Datasheet(HTML) 2 Page - SMSC Corporation

  EVB20020 Datasheet HTML 1Page - SMSC Corporation EVB20020 Datasheet HTML 2Page - SMSC Corporation EVB20020 Datasheet HTML 3Page - SMSC Corporation EVB20020 Datasheet HTML 4Page - SMSC Corporation EVB20020 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMSC UG - EVB-20020
Page 2
Rev. 1/5/00
© 2000 STANDARD MICROSYSTEMS CORPORATION (SMSC)
80 Arkay Drive
Hauppauge, NY 11788
(631) 435-6000
FAX (631) 273-3123
Circuit diagrams utilizing SMSC products are included as a means of illustrating typical applications; consequently complete information sufficient for
construction purposes is not necessarily given.
The information has been carefully checked and is believed to be entirely reliable.
However, no
responsibility is assumed for inaccuracies. Furthermore, such information does not convey to the purchaser of the semiconduc tor devices described
any licenses under the patent rights of SMSC or others. SMSC reserves the right to make changes to specifications and product descriptions at any
time without notice in order to improve design and supply the best product possible. Contact your local SMSC sales office to obtain the latest
specifications before placing your product order.
The product may contain design defects or errors known as anomalies which may cause the
product’s functions to deviate from published specifications. Anomaly sheets are available upon request. SMSC products are not designed, intended,
authorized or warranted for use in any life support or other application where product failure could cause or contribute to personal injury or severe
property damage. Any and all such uses without prior written approval of an Officer of SMSC and further testing and/or modification will be fully at the risk
of the customer. Copies of this document or other SMSC literature may be obtained by visiting SMSC’s website at http://www.smsc.com


Similar Part No. - EVB20020

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EVB20022 SMSC-EVB20022 Datasheet
201Kb / 8P
   Industrial ARCNET AT Adapter Card
More results

Similar Description - EVB20020

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EVB-20019 SMSC-EVB-20019 Datasheet
181Kb / 4P
   Industrial ARCNET AT Adapter Card
EVB20022 SMSC-EVB20022 Datasheet
201Kb / 8P
   Industrial ARCNET AT Adapter Card
COM90C66 SMSC-COM90C66 Datasheet
253Kb / 76P
   ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
logo
Lite-On Technology Corp...
PA-1061-81 LITEON-PA-1061-81 Datasheet
314Kb / 3P
   Industrial Adapter 12V Series
PA-1900-88 LITEON-PA-1900-88 Datasheet
311Kb / 3P
   Industrial Adapter 19V Series
PA-1151-08E LITEON-PA-1151-08E Datasheet
304Kb / 3P
   Industrial Adapter 19V Series
PA-1041-81 LITEON-PA-1041-81 Datasheet
319Kb / 3P
   Industrial Adapter 12V Series
logo
SMSC Corporation
TMC2005-JT SMSC-TMC2005-JT Datasheet
395Kb / 32P
   ARCNET 5 Port HUB Controller
logo
Molex Electronics Ltd.
1060594100 MOLEX1-1060594100 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial SC In-Line, Singlemode
1060593120 MOLEX-1060593120 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial LC In-Line, APC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com