Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM63A165BM-5IH Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM63A165BM-5IH
Description  16M x 16 bit Synchronous DRAM (SDRAM)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM63A165BM-5IH Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM63A165BM-5IH Datasheet HTML 7Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 8Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 9Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 10Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 11Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 12Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 13Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 14Page - Etron Technology, Inc. EM63A165BM-5IH Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
EtronTech
EM63A165
Rev. 2.2
11
Dec. /2013
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DIN A0
don’t care
DIN A0
don’t care
don’t care
Input data must be removed from the DQ at
least one clock cycle before the Read data
appears on the outputs to avoid data contention
Figure 13. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge
function should be issued m cycles after the clock edge in which the last data-in element is registered,
where m equals tWR/tCK rounded up to the next whole number. In addition, the DQM signals must be used to
mask input data, starting with the clock edge following the last data-in element and ending with the clock
edge on which the BankPrecharge/PrechargeAll command is entered (refer to the following figure).
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
WRITE
NOP
NOP
Precharge
NOP
NOP
Activate
NOP
T7
DQM
Don’t Care
ADDRESS
Bank
Col n
Bank (s)
ROW
tRP
DIN
n
DIN
N+1
tWR
DQ
Note: The DQMs can remain low in this example if the length of the write burst is 1 or 2.
Figure 14. Write to Precharge
7
Write and AutoPrecharge command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "H", A0-A8 = Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after the write
operation. Once this command is given, any subsequent command can not occur within a time delay of
{(burst length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is performed in this command
and the auto precharge function is ignored.


Similar Part No. - EM63A165BM-5IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM63A165 ETRON-EM63A165 Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
EM63A165TS-6G ETRON-EM63A165TS-6G Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
EM63A165TS-7G ETRON-EM63A165TS-7G Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
More results

Similar Description - EM63A165BM-5IH

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com