Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM63B165TS-6ISG Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM63B165TS-6ISG
Description  32M x 16 bit Synchronous DRAM (SDRAM)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM63B165TS-6ISG Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM63B165TS-6ISG Datasheet HTML 1Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 2Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 3Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 4Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 5Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 6Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 7Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 8Page - Etron Technology, Inc. EM63B165TS-6ISG Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
EtronTech
EM63B165TS
Etron Technology, Inc.
No. 6, Technology Rd. V, Hsinchu Science Park, Hsinchu, Taiwan 30078, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc. reserves the right to change products or specification without notice.
32M x 16 bit Synchronous DRAM (SDRAM)
Advance (Rev. 2.0, Jun. /2016)
Features
 Fast access time from clock: 4.5/5/5.4 ns
 Fast clock rate: 200/166/143 MHz
 Fully synchronous operation
 Internal pipelined architecture
 8M word x 16-bit x 4-bank
 Programmable Mode registers
- CAS Latency: 2 or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst stop function
 Auto Refresh and Self Refresh
 8192 refresh cycles/64ms
 CKE power down mode
 Single +3.3V ±0.3V power supply
 Industrial Temperature: TA = -40~85°C
 Interface: LVTTL
 54-pin 400 mil plastic TSOP II package
- Pb free and Halogen free
Table 1. Key Specifications
Table 2. Ordering Information
Overview
The EM63B165 SDRAM is a high-speed CMOS
synchronous DRAM containing 512 Mbits. It is
internally configured as 4 Banks of 8M word x 16
DRAM with a synchronous interface (all signals
are registered on the positive edge of the clock
signal, CLK). Read and write accesses to the SDRAM
are burst oriented; accesses start at a selected
location and continue for a programmed number of
locations in a programmed sequence. Accesses
begin with the registration of a Bank Activate command
which is then followed by a Read or Write command.
The EM63B165 provides for programmable Read
or Write burst lengths of 1, 2, 4, 8, or full page, with
a burst termination option. An auto precharge function
may be enabled to provide a self-timed row precharge
that is initiated at the end of the burst sequence.
The refresh functions, either Auto or Self Refresh
are easy to use. By having a programmable mode
register, the system can choose the most suitable
modes to maximize its performance. These devices
are well suited for applications requiring high memory
bandwidth and particularly well suited to high
performance PC applications.
EM63B165
-5I/6I/7I
tCK3
Clock Cycle time(min.)
5/6/7
ns
tAC3
Access time from CLK (max.)
4.5/5/5.4
ns
tRAS
Row Active time(min.)
40/42/42
ns
tRC
Row Cycle time(min.)
55/60/63
ns
Part Number
Frequency
Package
EM63B165TS-5ISG
200MHz
TSOP II
EM63B165TS-6ISG
166MHz
TSOP II
EM63B165TS-7ISG
143MHz
TSOP II
TS: indicates TSOPII Package
I: indicates Industrial Grade
S: indicates Stacked Dice
G: indicates Pb and Halogen Free


Similar Part No. - EM63B165TS-6ISG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM63B165TS-6SG ETRON-EM63B165TS-6SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - EM63B165TS-6ISG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C32M16D2 ALSC-AS4C32M16D2 Datasheet
1Mb / 70P
   512M (32M x 16 bit) DDRII Synchronous DRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com