Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM63B165TS-5ISG Datasheet(PDF) 8 Page - Etron Technology, Inc.

Part # EM63B165TS-5ISG
Description  32M x 16 bit Synchronous DRAM (SDRAM)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM63B165TS-5ISG Datasheet(HTML) 8 Page - Etron Technology, Inc.

Back Button EM63B165TS-5ISG Datasheet HTML 4Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 5Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 6Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 7Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 8Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 9Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 10Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 11Page - Etron Technology, Inc. EM63B165TS-5ISG Datasheet HTML 12Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
EtronTech
EM63B165TS
Rev. 2.0
8
Jun. /2016
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
READ A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
Figure 4. Burst Read Operation (Burst Length = 4, CAS# Latency = 2, 3)
The read data appears on the DQs subject to the values on the DQM inputs two clocks earlier (i.e.
DQM latency is two clocks for output buffers). A read burst without the auto precharge function may be
interrupted by a subsequent Read or Write command to the same bank or the other active bank before
the end of the burst length. It may be interrupted by a BankPrecharge/ PrechargeAll command to the
same bank too. The interrupt coming from the Read command can occur on any clock cycle following a
previous Read command (refer to the following figure).
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
READ A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B3
Figure 5. Read Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
The DQM inputs are used to avoid I/O contention on the DQ pins when the interrupt comes from a
Write command. The DQMs must be asserted (HIGH) at least two clocks prior to the Write command to
suppress data-out on the DQ pins. To guarantee the DQ pins against I/O contention, a single cycle with
high-impedance on the DQ pins must occur between the last read data and the Write command (refer
to the following three figures). If the data output of the burst read occurs at the second clock of the burst
write, the DQMs must be asserted (HIGH) at least one clock prior to the Write command to avoid
internal bus contention.
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
NOP
Bank A
Activate
NOP
NOP
READ A
WRITE A
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
DQM
T9
NOP
DIN A0
DIN A1
DIN A2
DIN A3
Figure 6. Read to Write Interval (Burst Length  4, CAS# Latency = 2)


Similar Part No. - EM63B165TS-5ISG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - EM63B165TS-5ISG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C32M16D2 ALSC-AS4C32M16D2 Datasheet
1Mb / 70P
   512M (32M x 16 bit) DDRII Synchronous DRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com