Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM63A165TS-5IG Datasheet(PDF) 8 Page - Etron Technology, Inc.

Part # EM63A165TS-5IG
Description  16M x 16 bit Synchronous DRAM (SDRAM)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM63A165TS-5IG Datasheet(HTML) 8 Page - Etron Technology, Inc.

Back Button EM63A165TS-5IG Datasheet HTML 4Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 5Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 6Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 7Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 8Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 9Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 10Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 11Page - Etron Technology, Inc. EM63A165TS-5IG Datasheet HTML 12Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
EtronTech
EM63A165
Rev. 2.2
8
Dec. /2013
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
READ A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
Figure 5. Burst Read Operation (Burst Length = 4, CAS# Latency = 2, 3)
The read data appears on the DQs subject to the values on the DQM inputs two clocks earlier (i.e.
DQM latency is two clocks for output buffers). A read burst without the auto precharge function may be
interrupted by a subsequent Read or Write command to the same bank or the other active bank before the
end of the burst length. It may be interrupted by a BankPrecharge/ PrechargeAll command to the same
bank too. The interrupt coming from the Read command can occur on any clock cycle following a previous
Read command (refer to the following figure).
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
READ A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B3
Figure 6. Read Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
The DQM inputs are used to avoid I/O contention on the DQ pins when the interrupt comes from a
Write command. The DQMs must be asserted (HIGH) at least two clocks prior to the Write command to
suppress data-out on the DQ pins. To guarantee the DQ pins against I/O contention, a single cycle with
high-impedance on the DQ pins must occur between the last read data and the Write command (refer to the
following three figures). If the data output of the burst read occurs at the second clock of the burst write, the
DQMs must be asserted (HIGH) at least one clock prior to the Write command to avoid internal bus
contention.
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
NOP
Bank A
Activate
NOP
NOP
READ A
WRITE A
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
DQM
T9
NOP
DIN A0
DIN A1
DIN A2
DIN A3
Figure 7. Read to Write Interval (Burst Length ≥ 4, CAS# Latency = 2)


Similar Part No. - EM63A165TS-5IG

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM63A165TS-6G ETRON-EM63A165TS-6G Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
EM63A165TS-7G ETRON-EM63A165TS-7G Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
More results

Similar Description - EM63A165TS-5IG

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com