Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6GC16EWKE-15H Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM6GC16EWKE-15H
Description  64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6GC16EWKE-15H Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM6GC16EWKE-15H Datasheet HTML 2Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 3Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 4Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 5Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 6Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 7Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 8Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 9Page - Etron Technology, Inc. EM6GC16EWKE-15H Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
EtronTech
EM6GC16EWKE
Rev. 1.0
6
Jul. /2015
DQ0 - DQ15
Input /
Output
Data I/O: The DQ0-DQ15 input and output data are synchronized with positive and
negative edges of DQS and DQS#. TheI/Os are byte-maskable during Writes.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to
the DDR3 SDRAM. When enabled, ODT is applied to each DQ, DQS, DQS#. The ODT
pin will be ignored if Mode-registers, MR1and MR2, are programmed to disable RTT.
RESET#
Input
Active Low Asynchronous Reset: Reset is active when RESET# is LOW, and inactive
when RESET# is HIGH. RESET# must be HIGH during normal operation. RESET# is a
CMOS rail to rail signal with DC high and low at 80% and 20% of VDD
VDD
Supply
Power Supply: +1.5V
±0.075V
VSS
Supply
Ground
VDDQ
Supply
DQ Power: +1.5V
±0.075V.
VSSQ
Supply
DQ Ground
VREFCA
Supply
Reference voltage for CA
VREFDQ
Supply
Reference voltage for DQ
ZQ
Supply
Reference pin for ZQ calibration.
NC
-
No Connect: These pins should be left unconnected.


Similar Part No. - EM6GC16EWKE-15H

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EM600 ARTESYN-EM600 Datasheet
39Kb / 2P
   Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
logo
ELAN Microelectronics C...
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
   STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
logo
Soberton Inc.
EM6009-FC SOBERTON-EM6009-FC Datasheet
588Kb / 1P
   Omnidirectional Front Electret Condenser Microphone
logo
List of Unclassifed Man...
EM6011 ETC1-EM6011 Datasheet
446Kb / 1P
   ELECTRET CONDENSER MICROPHONE
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results

Similar Description - EM6GC16EWKE-15H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M16D2-25BCN ALSC-AS4C64M16D2-25BCN Datasheet
1Mb / 58P
   1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM)
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM6AB080TSB-4G ETRON-EM6AB080TSB-4G Datasheet
563Kb / 62P
   64M x 8 bit DDR Synchronous DRAM (SDRAM
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Elite Semiconductor Mem...
M15T8G16512A ESMT-M15T8G16512A Datasheet
8Mb / 172P
   64M x 16 Bit x 8 Banks DDR3(L) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com