Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-33K5LA Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1501-33K5LA
Description  150 KHZ 3A PWM BUCK DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501-33K5LA Datasheet(HTML) 7 Page - Anachip Corp

  AP1501-33K5LA Datasheet HTML 1Page - Anachip Corp AP1501-33K5LA Datasheet HTML 2Page - Anachip Corp AP1501-33K5LA Datasheet HTML 3Page - Anachip Corp AP1501-33K5LA Datasheet HTML 4Page - Anachip Corp AP1501-33K5LA Datasheet HTML 5Page - Anachip Corp AP1501-33K5LA Datasheet HTML 6Page - Anachip Corp AP1501-33K5LA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.A7 Feb. 10, 2004
7/11
Typical Application Circuit
12
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
Gnd
Output
AP1501
-33
Co
Capacitor
Inductor
L1
3.3V/3A
Output Load
Function Description
Pin Functions
+VIN
This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be
present at this pin to minimize voltage transients
and to supply the switching currents needed by the
regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches
between (+VIN – VSAT) and approximately – 0.5V,
with a duty cycle of approximately VOUT / VIN. To
minimize coupling to sensitive circuitry, the PC
board copper area connected to this pin should be
kept a minimum.
Feedback
Senses the regulated output voltage to complete
the feedback loop.
ON /OFF
Allows the switching regulator circuit to be
shutdown using logic level signals thus dropping
the total input supply current to approximately
150uA. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and
pulling this pin above 1.3V (up to a maximum of
25V) shuts the regulator down. If this shutdown
feature is not needed, the ON /OFF pin can be
wired to the ground pin or it can be left open, in
either case the regulator will be in the ON condition.
Thermal Considerations
The AP1501 is available in two packages, a 5-pin
TO-220 and a 5-pin surface mount TO-263.
The TO-220 package needs a heat sink under most
conditions. The size of the heatsink depends on the
input voltage, the output voltage, the load current
and the ambient temperature. The AP1501 junction
temperature rises above ambient temperature for a
3A load and different input and output voltages.
The data for these curves was taken with the
AP1501 (TO-220 package) operating as a buck
switching regulator in an ambient temperature of
25
oC (still air). These temperature rise numbers are
all approximate and there are many factors that can
affect
these
temperatures.
Higher
ambient
temperatures require more heat sinking.
The TO-263 surface mount package tab is
designed to be soldered to the copper on a printed
circuit board. The copper and the board are the
heat sink for this package and the other heat
producing components, such as the catch diode
and inductor. The PC board copper area that the
package is soldered to should be at least 0.4 in
2,
and ideally should have 2 or more square inches of
2 oz. Additional copper area improves the thermal
characteristics, but with copper areas greater than
approximately 6 in
2, only small improvements in
heat dissipation are realized. If further thermal
improvements are needed, double sided, multilayer
PC board with large copper areas and/or airflow are
recommended.


Similar Part No. - AP1501-33K5LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-33K5LA ANACHIP-AP1501-33K5LA Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1501-33K5LA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com