Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11262 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11262
Description  500ksps Throughput Rates Without Pipeline
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11262 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11262 Datasheet HTML 1Page - Maxim Integrated Products MAX11262 Datasheet HTML 2Page - Maxim Integrated Products MAX11262 Datasheet HTML 3Page - Maxim Integrated Products MAX11262 Datasheet HTML 4Page - Maxim Integrated Products MAX11262 Datasheet HTML 5Page - Maxim Integrated Products MAX11262 Datasheet HTML 6Page - Maxim Integrated Products MAX11262 Datasheet HTML 7Page - Maxim Integrated Products MAX11262 Datasheet HTML 8Page - Maxim Integrated Products MAX11262 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500ksps, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
Note 2: Maximum and minimum limits are fully production tested over specified supply voltage range and at a temperature of
+25°C. Limits over the operating temperature range are guaranteed by design and device characterization.
Note 3: See the Analog Inputs and Overvoltage Input Clamps sections.
Note 4: Static Performance limits are guaranteed by design and device characterization.
Note 5: Defined as the change in positive full-scale code transition caused by a ±5% variation in the VDD supply voltage.
Note 6: 10kHz sine wave input, -0.1dB below full scale.
Note 7: fIN1 ~ 9.4kHz, fIN2 ~ 10.7kHz, Each tone at 6.1dB below full scale.
Note 8: CLOAD = 65pF on SDO.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CNVST Low to SDO D15 MSB Valid
(CS Mode)
tEN
VOVDD > 2.7V
14
ns
VOVDD < 2.7V
18
CNVST High or SDI High or Last
SCLK Falling Edge to SDO High
Impedance
tDIS
CS mode
20
ns
SDI Valid Setup Time from CNVST
Rising Edge
tSSDICNV 4-wire CS mode
5
ns
SDI Valid Hold Time from CNVST
Rising Edge
tHSDICNV 4-wire CS mode
0
ns
SCLK Valid Setup Time from CNVST
Rising Edge
tSSCKCNV Daisy-chain mode
3
ns
SCLK Valid Hold Time from CNVST
Rising Edge
tHSCKCNV Daisy-chain mode
3
ns
SDI Valid Setup Time from SCLK
Falling Edge
tSSDISCK
Daisy-chain mode, VOVDD > 4.5V
3
ns
Daisy-chain mode, VOVDD > 2.7V
5
Daisy-chain mode, VOVDD > 2.3V
6
SDI Valid Hold Time from SCLK
Falling Edge
tHSDISCK Daisy-chain mode
0
ns
SDI High to SDO High
tDSDOSDI
Daisy-chain mode with busy indicator,
VOVDD > 4.5V
10
ns
Daisy-chain mode with busy indicator,
VOVDD > 2.7V
15
Daisy-chain mode with busy indicator,
VOVDD > 2.3V
20
Electrical Characteristics (continued)
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
www.maximintegrated.com
Maxim Integrated │ 5


Similar Part No. - MAX11262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX11261 MAXIM-MAX11261 Datasheet
4Mb / 18P
   Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
   Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX1126EGK MAXIM-MAX1126EGK Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1126EGK MAXIM-MAX1126EGK Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
More results

Similar Description - MAX11262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT12-A-AI ETC2-WT12-A-AI Datasheet
358Kb / 3P
   Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Alliance Semiconductor ...
4MX16-DDR1-AS4C4M16D1A ALSC-4MX16-DDR1-AS4C4M16D1A Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C32M16D1A-CI ALSC-AS4C32M16D1A-CI Datasheet
1Mb / 64P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com