Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14130 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14130
Description  Many Options Support Broad Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14130 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14130 Datasheet HTML 1Page - Maxim Integrated Products MAX14130 Datasheet HTML 2Page - Maxim Integrated Products MAX14130 Datasheet HTML 3Page - Maxim Integrated Products MAX14130 Datasheet HTML 4Page - Maxim Integrated Products MAX14130 Datasheet HTML 5Page - Maxim Integrated Products MAX14130 Datasheet HTML 6Page - Maxim Integrated Products MAX14130 Datasheet HTML 7Page - Maxim Integrated Products MAX14130 Datasheet HTML 8Page - Maxim Integrated Products MAX14130 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX14930–MAX14932 are a family of 4-channel,
2.75kVRMS and 3.75kVRMS digital isolators utilizing
Maxim’s proprietary process technology. The MAX14130–
MAX14131 are 4-channel 1kVRMS digital isolators in
smaller footprint QSOP packages. For applications
requiring 5kVRMS of isolation, see the MAX14934–
MAX14936. The MAX14930–MAX14932 family transfers
digital signals between circuits with different power
domains at ambient temperatures up to +125°C.
The MAX14930–MAX14932 family offers all three possible
unidirectional channel configurations to accommodate
any 4-channel design; including SPI, RS-232, RS-485,
and digital I/O applications. For applications requiring
bidirectional channels, such as I2C, see the MAX14933.
Devices are available with data rates from DC up to
1Mbps, 25Mbps, or 150Mbps. Each device is also avail-
able in either a default high or default low configuration.
The default is the state an output goes to when its input
is unpowered. See the Ordering Information and Selector
Guide for the suffixes associated with each option.
Independent 1.71V to 5.5V supplies on each side of the
isolator also make the devices suitable for use as level
translators.
The MAX14930–MAX14932 are available in both a 16-pin
wide body (10.3mm x 7.5mm) and narrow body (9.9mm x
3.9mm) SOIC package. The MAX14130–MAX14131 are
available in a 16-pin (6mm x 5mm) QSOP package. All
devices are rated for operation at ambient temperatures
of -40°C to +125°C.
Benefits and Features
● Robust Galvanic Isolation of Digital Signals
Withstands up to 3.75kVRMS for 60s (VISO)
(MAX14930–MAX14932)
Continuously Withstands 443VRMS (VIOWM)
(MAX14930–MAX14932)
• 630VP Repetitive Peak Voltage (VIORM)
(MAX14930–MAX14932)
• Withstands ±10kV Surge per IEC 61000-4-5
● Interfaces Directly with Most Micros and FPGAs
• Accepts 1.71V to 5.5V Supplies
● Many Options Support Broad Applications
• 3 Data Rates (1Mbps, 25Mbps, 150Mbps)
• 3 Channel Direction Configuration
• 2 Output Default States (High or Low)
• 3 Packages (3.8mm, 4mm, 8mm Creepage and Clearance)
● Low Power Consumption at High Data Rates
At 1.8V:
• 2.5mA per Channel Typical at 1Mbps
• 5.25mA per Channel Typical at 100Mbps
At 3.3V:
• 2.6mA per Channel Typical at 1Mbps
• 7.1mA per Channel Typical at 100Mbps
Safety Regulatory Approvals
(see Safety Regulatory Approvals)
● UL According to UL1577
● cUL According to CSA Bulletin 5A
● VDE 0884-10 (Pending)
Applications
Fieldbus Communications for Industrial Automation
● Isolated SPI, RS-232, RS-485/RS-422
● General Multichannel Isolation Applications
● Battery Management
● Medical Systems
Ordering Information and Selector Guide appears at end of
data sheet.
19-7066; Rev 7; 7/16
MAX14930–MAX14932,
MAX14130–MAX14131
4-Channel, 1kVRMS, 2.75kVRMS
and 3.75kVRMS Digital Isolators
INA1
MAX14930/MAX14130
INA2
INA3
INA4
GNDA
GNDB
VDDA
VDDB
OUTB1
ENB
OUTB2
OUTB3
OUTB4
OUTB1
OUTB2
OUTB3
INB1
INA1
MAX14931/MAX14131
INA2
INA3
OUTA1
ENB
ENA
GNDA
GNDB
VDDA
VDDB
OUTB1
OUTB2
INB1
INB2
INA1
MAX14932
INA2
OUTA1
OUTA2
ENB
ENA
GNDA
GNDB
VDDA
VDDB
Functional Diagram
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14130 MAXIM-MAX14130 Datasheet
737Kb / 6P
   Guaranteed Up to 5kVRMS Isolation
Rev 2; 8/16
MAX14130FAEE++ MAXIM-MAX14130FAEE+ Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
MAX14130FAEE+T MAXIM-MAX14130FAEE+T Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
MAX14130 MAXIM-MAX14130_V01 Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
More results

Similar Description - MAX14130

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
BA-5347U ULTRALIFE-BA-5347U Datasheet
278Kb / 2P
   Many other military applications
08 OCT 20 Rev: K
logo
List of Unclassifed Man...
SD9SB8W-1T00 ETC1-SD9SB8W-1T00 Datasheet
587Kb / 2P
   EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
logo
National Semiconductor ...
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
Source Photonics, Inc.
SPP-10E-SR-CDFF SOURCE-SPP-10E-SR-CDFF Datasheet
334Kb / 7P
   Support 10GBASE-SR/SW applications
logo
Greenliant systems
GLS27SF512 GREENLIANT-GLS27SF512 Datasheet
951Kb / 23P
   Many-Time Programmable Flash
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
   High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
New Jersey Semi-Conduct...
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Greenliant systems
GLS37VF010 GREENLIANT-GLS37VF010 Datasheet
612Kb / 17P
   Many-Time Programmable Flash
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com