Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11162 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11162
Description  500ksps Throughput Rates Without Pipeline
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11162 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11162 Datasheet HTML 5Page - Maxim Integrated Products MAX11162 Datasheet HTML 6Page - Maxim Integrated Products MAX11162 Datasheet HTML 7Page - Maxim Integrated Products MAX11162 Datasheet HTML 8Page - Maxim Integrated Products MAX11162 Datasheet HTML 9Page - Maxim Integrated Products MAX11162 Datasheet HTML 10Page - Maxim Integrated Products MAX11162 Datasheet HTML 11Page - Maxim Integrated Products MAX11162 Datasheet HTML 12Page - Maxim Integrated Products MAX11162 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
(VDD = 5.0V, VOVDD = 3.3V, fSAMPLE = 500ksps, TA = +25NC, unless otherwise noted.)
86
88
90
92
94
96
98
-40
-15
10
35
60
85
TEMPERATURE (°C)
SNR
SINAD
SNR and SINAD vs. TEMPERATURE
fIN = 10kHz
VIN = -0.1dBFS
AVERAGE OF 128 DEVICES
toc19
86
88
90
92
94
96
98
4.75
4.85
4.95
5.05
5.15
5.25
VDD (V)
SNR
SINAD
SNR and SINAD vs. VDD SUPPLY VOLTAGE
fIN = 10kHz
VIN = -0.1dBFS
AVERAGE OF 128 DEVICES
toc21
85
90
95
100
105
110
115
-40
-15
10
35
60
85
TEMPERATURE (°C)
THD
SFDR
SFDR and THD vs. TEMPERATURE
fIN = 10kHz
VIN = -0.1dBFS
AVERAGE OF 128 DEVICES
toc20
94
96
98
100
102
104
106
108
4.75
4.85
4.95
5.05
5.15
5.25
VDD (V)
THD
SFDR
THD AND SFDR vs. VDD SUPPLY VOLTAGE
fIN = 10kHz
VIN = -0.1dBFS
AVERAGE OF 128 DEVICES
toc22
-90
-80
-70
-60
-50
-40
-30
0.1
1.0
10.0
100.0
1000.0
FREQUENCY (kHz)
CMR vs. INPUT FREQUENCY
VAIN+ = VAIN- = ±100mV
SINGLE DEVICE
toc23
-80
-70
-60
-50
-40
-30
-20
0.1
1.0
10.0
100.0
1000.0
FREQUENCY (kHz)
PSR vs. VDD SUPPLY FREQUENCY
VVDD= 5.0 ± 250mV
VOVDD = 3.3V
SINGLE DEVICE
toc24
Typical Operating Characteristics (continued)
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
Maxim Integrated │ 9
www.maximintegrated.com


Similar Part No. - MAX11162

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11162 MAXIM-MAX11162 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11162 MAXIM-MAX11162 Datasheet
6Mb / 33P
   High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
MAX11162 MAXIM-MAX11162 Datasheet
894Kb / 28P
   16-Bit, 500ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
2016
MAX11162EUB++ MAXIM-MAX11162EUB+ Datasheet
894Kb / 28P
   16-Bit, 500ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
2016
More results

Similar Description - MAX11162

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT12-A-AI ETC2-WT12-A-AI Datasheet
358Kb / 3P
   Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Alliance Semiconductor ...
4MX16-DDR1-AS4C4M16D1A ALSC-4MX16-DDR1-AS4C4M16D1A Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C32M16D1A-CI ALSC-AS4C32M16D1A-CI Datasheet
1Mb / 64P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com