Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11160 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11160
Description  500ksps Throughput Rates Without Pipeline
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11160 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11160 Datasheet HTML 3Page - Maxim Integrated Products MAX11160 Datasheet HTML 4Page - Maxim Integrated Products MAX11160 Datasheet HTML 5Page - Maxim Integrated Products MAX11160 Datasheet HTML 6Page - Maxim Integrated Products MAX11160 Datasheet HTML 7Page - Maxim Integrated Products MAX11160 Datasheet HTML 8Page - Maxim Integrated Products MAX11160 Datasheet HTML 9Page - Maxim Integrated Products MAX11160 Datasheet HTML 10Page - Maxim Integrated Products MAX11160 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
(VDD = 5.0V, VOVDD = 3.3V, fSAMPLE = 500ksps, TA = +25NC, unless otherwise noted.)
-8
-6
-4
-2
0
2
4
6
8
4.75
4.85
4.95
5.05
5.15
5.25
VDD (V)
INL vs. VDD SUPPLY VOLTAGE
MAX INL
MIN INL
AVERAGE OF 128 DEVICES
toc08
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
4.75
4.85
4.95
5.05
5.15
5.25
VDD (V)
DNL vs. VDD SUPPLY VOLTAGE
MAX DNL
MIN DNL
AVERAGE OF 128 DEVICES
toc07
0
2000
4000
6000
8000
10000
12000
14000
16000
OUTPUT CODE (DECIMAL)
OUTPUT NOISE HISTOGRAM
NO AVERAGE
SINGLE DEVICE
STDEV = 1.7 LSB
toc09
0
4000
8000
12000
16000
20000
24000
28000
OUTPUT CODE (DECIMAL)
OUTPUT NOISE HISTOGRAM WITH
4 SAMPLE AVERAGE
SINGLE DEVICE
STEDV = 0.85 LSB
toc10
4.090
4.092
4.094
4.096
4.098
4.100
4.102
4.104
-40
-15
10
35
60
85
TEMPERATURE (°C)
INTERNAL REFERENCE VOLTAGE (REF PIN)
vs. TEMPERATURE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15 DEVICES
toc011
0
10
20
30
40
50
60
REF PIN VOLTAGE (V)
INITIAL ERROR VOLTAGE ON REF PIN
303 Devices
Mean = 4096.0mV
STDEV = 1.2mV
STDEV = 282ppm
toc12
Typical Operating Characteristics (continued)
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
Maxim Integrated │ 7
www.maximintegrated.com


Similar Part No. - MAX11160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11160 MAXIM-MAX11160 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11160 MAXIM-MAX11160 Datasheet
6Mb / 33P
   High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160EUB++ MAXIM-MAX11160EUB+ Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160EUB+T MAXIM-MAX11160EUB+T Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
More results

Similar Description - MAX11160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT12-A-AI ETC2-WT12-A-AI Datasheet
358Kb / 3P
   Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Alliance Semiconductor ...
4MX16-DDR1-AS4C4M16D1A ALSC-4MX16-DDR1-AS4C4M16D1A Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C32M16D1A-CI ALSC-AS4C32M16D1A-CI Datasheet
1Mb / 64P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com