Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11168 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11168
Description  500ksps Throughput Rates Without Pipeline
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11168 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11168 Datasheet HTML 1Page - Maxim Integrated Products MAX11168 Datasheet HTML 2Page - Maxim Integrated Products MAX11168 Datasheet HTML 3Page - Maxim Integrated Products MAX11168 Datasheet HTML 4Page - Maxim Integrated Products MAX11168 Datasheet HTML 5Page - Maxim Integrated Products MAX11168 Datasheet HTML 6Page - Maxim Integrated Products MAX11168 Datasheet HTML 7Page - Maxim Integrated Products MAX11168 Datasheet HTML 8Page - Maxim Integrated Products MAX11168 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VDD to GND.............................................................-0.3V to +6V
OVDD to GND........ -0.3V to the lower of (VDD + 0.3V) and +6V
AIN+ to GND......................................................................... ±7V
AIN-, REF,to GND..................-0.3V to the lower of (VDD + 0.3V)
and +6V
SCLK, SDI, SDO, CNVST
to GND............... -0.3V to the lower of (VDD + 0.3V) and +6V
Maximum Current into Any Pin...........................................50mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 8.8mW/°C above +70°C)......................707mW
Operating Temperature Range...........................-40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s)..................................+300°C
Soldering Temperature (reflow).......................................+260°C
µMAX
Junction-to-Ambient Thermal Resistance (θJA)..........113°C/W
Junction-to-Case Thermal Resistance (θJC)................36°C/W
(Note 1)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500ksps, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (Note 3)
Input Voltage Range
AIN+ to AIN-, k = 5/4.096
-VREF
x k
+VREF
x k
V
Absolute Input Voltage Range
AIN+ to GND
-5.1
+5.1
V
AIN- to GND
-0.1
+0.1
Input Leakage Current
Acquisition phase
-10
+0.001
+10
µA
Input Capacitance
40
pF
Input-Clamp Protection Current
Both inputs
-20
+20
mA
STATIC PERFORMANCE (Note 4)
Resolution
N
18
Bits
No Missing Codes
18
Bits
Offset Error
VOVDD ≤ 3.6V
-18
±4
+18
LSB
VOVDD > 3.6V
-32
+32
Offset Temperature Coefficient
±0.08
LSB/°C
Gain Error
VOVDD ≤ 3.6V
-24
+24
LSB
VOVDD > 3.6V
-30
+30
Gain Error Temperature Coefficient
±0.04
LSB/°C
Integral Nonlinearity
INL
VOVDD ≤ 3.6V
-6
±2.7
+6
LSB
VOVDD > 3.6V
-9
+9
Differential Nonlinearity
DNL
Guaranteed by design
-1.0
±0.5
+1
LSB
Positive Full-Scale Error
VOVDD ≤ 3.6V
-22
+22
LSB
VOVDD > 3.6V
-33
+33
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
www.maximintegrated.com
Maxim Integrated │ 2


Similar Part No. - MAX11168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11168 MAXIM-MAX11168 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11168 MAXIM-MAX11168 Datasheet
6Mb / 33P
   High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
MAX11168 MAXIM-MAX11168 Datasheet
918Kb / 27P
   16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
MAX11168EUB++ MAXIM-MAX11168EUB+ Datasheet
918Kb / 27P
   16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
More results

Similar Description - MAX11168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT12-A-AI ETC2-WT12-A-AI Datasheet
358Kb / 3P
   Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Alliance Semiconductor ...
4MX16-DDR1-AS4C4M16D1A ALSC-4MX16-DDR1-AS4C4M16D1A Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C32M16D1A-CI ALSC-AS4C32M16D1A-CI Datasheet
1Mb / 64P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com