Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11253ATT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11253ATT
Description  Longer Battery Life for Portable Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11253ATT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11253ATT Datasheet HTML 3Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 4Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 5Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 6Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 7Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 8Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 9Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 10Page - Maxim Integrated Products MAX11253ATT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
(VAVDD = 3.6V, VAVSS = 0V, VDVDD = 2.0V to 3.6V, VREFP - VREFN = VAVDD, DATA RATE = 1ksps, PGA low-noise mode, single-cycle
conversion mode (SCYCLE = 1). TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)(Note 2)
Electrical Characteristics (continued)
Figure 1. SPI Timing Diagram
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO Hysteresis
VHYS
AVDD, DVDD supply
undervoltage lockout
4
%
CAPREG supply undervoltage
lockout
5
UVLO Delay Low to High or
High to Low
TDEL
AVDD, DVDD supply
undervoltage lockout
10
µs
CAPREG supply undervoltage
lockout
3.5
UVLO Glitch Suppression
TP
AVDD, DVDD supply
undervoltage lockout
10
ns
CAPREG supply undervoltage
lockout
10
SPI 16B DATA READ
SCLK
RDYB
DIN
CSB
DOUT
MSB
1
8
9
LSB
HIGH-Z
16b data
HIGH-Z
tCSS0
tDS
tDOE
tDH
tDOT
tDOH
tDOD
tR1
tCSS1
tCH
tCL
tCP
tCSH1
tCSW
‘X’
‘1’ ‘1’
‘1’ ‘1’
‘1’
‘0’ ‘0’
‘0’
‘X’
23
MAX11253
16-Bit, 6-Channel, 64ksps, 6.2nV/√Hz PGA,
Delta-Sigma ADC with SPI Interface
www.maximintegrated.com
Maxim Integrated │ 7


Similar Part No. - MAX11253ATT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
MAX11253EVKIT MAXIM-MAX11253EVKIT Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
More results

Similar Description - MAX11253ATT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
TOKYO SEIMITSU CO., LTD
FTB ACCRETECH-FTB Datasheet
373Kb / 2P
   Higher speed and longer life
logo
Texas Instruments
TMS320C55X TI1-TMS320C55X_14 Datasheet
88Kb / 3P
[Old version datasheet]   Extend Battery Life in Portable Applications with the TMS320C55x??Power Optimization DSP Starter
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
PHOENIX CONTACT
RAD-ISM-2400-ANT-OMNI-5-0 PHOENIX-RAD-ISM-2400-ANT-OMNI-5-0 Datasheet
44Kb / 2P
   For mobile applications with a longer range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com