Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11253 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11253
Description  Longer Battery Life for Portable Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11253 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11253 Datasheet HTML 1Page - Maxim Integrated Products MAX11253 Datasheet HTML 2Page - Maxim Integrated Products MAX11253 Datasheet HTML 3Page - Maxim Integrated Products MAX11253 Datasheet HTML 4Page - Maxim Integrated Products MAX11253 Datasheet HTML 5Page - Maxim Integrated Products MAX11253 Datasheet HTML 6Page - Maxim Integrated Products MAX11253 Datasheet HTML 7Page - Maxim Integrated Products MAX11253 Datasheet HTML 8Page - Maxim Integrated Products MAX11253 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
General Description
The MAX11253 is a 6-channel, 16-bit delta-sigma ADC
that achieves exceptional performance while consuming
very low power. Sample rates up to 64ksps allow preci-
sion DC measurements. The MAX11253 communicates
via a SPI serial interface and is available in a small (5mm
x 5mm) TQFN package.
The MAX11253 offers a 6.2nV/√Hz noise programmable
gain amplifier (PGA) with gain settings from 1x to 128x.
The integrated PGA provides isolation of the signal inputs
from the switched capacitor sampling network. The PGA
also enables the MAX11253 to interface directly with
high-impedance sources without compromising available
dynamic range.
The MAX11253 operates from a single 2.7V to 3.6V
analog supply, or split ±1.8V analog supplies, allowing
the analog input to be sampled below ground. The digital
supply range is 1.7V to 2.0V or 2.0V to 3.6V, allowing
communication with 1.8V, 2.5V, 3V, or 3.3V logic.
Applications
● Analog I/O for Programmable Logic Controllers
● Weigh Scales
● Pressure Sensors
● Battery-Powered Instrumentation
Benefits and Features
● High Resolution for Industrial Applications that
Require a Wide Dynamic Range
• 98dB SNR at 1000sps
● Longer Battery Life for Portable Applications
• 2.2mA Operating Mode Current
• 1μA Sleep Current
● Single or Split Analog Supplies Provide Input Voltage
Range Flexibility
• 2.7V to 3.6V (Single Supply) or ±1.8V (Split Supply)
● Enables System Integration
• Low Noise, 6.2nV/√Hz PGA with Gains of 1, 2, 4,
8, 16, 32, 64, 128
• 6-Channel, Fully Differential Input
● Enables On-Demand Device and System Gain and
Offset Calibration
• User-Programmable Offset and Gain Registers
● Robust Performance in a Small Package
• -40°C to +125°C Operating Temperature Range
• TQFN Package, 5mm x 5mm
19-7650; Rev 0; 6/15
Ordering Information appears at end of data sheet.
MAX11253
µC
REF
1nF
C0G
AIN5P
AIN5N
GPO0
1nF
C0G
GPO1
AIN0N
AIN0P
10nF
REFN REFP
1µF
AVDD
2.7V TO 3.6V
2.0V TO 3.6V
GPOGND CAPP
CAPN
1nF
C0G
CAPREG
220nF
0603
X7R
DGND
AVSS
RDYB
DOUT
DIN
SCLK
DVDD
CSB
1µF
RESISTIVE BRIDGE MEASUREMENT CIRCUIT, SPI CONFIGURATION
RSTB
MAX11253
16-Bit, 6-Channel, 64ksps, 6.2nV/√Hz PGA,
Delta-Sigma ADC with SPI Interface
Typical Application Circuit
EVALUATION KIT AVAILABLE


Similar Part No. - MAX11253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
MAX11253EVKIT MAXIM-MAX11253EVKIT Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
More results

Similar Description - MAX11253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
TOKYO SEIMITSU CO., LTD
FTB ACCRETECH-FTB Datasheet
373Kb / 2P
   Higher speed and longer life
logo
Texas Instruments
TMS320C55X TI1-TMS320C55X_14 Datasheet
88Kb / 3P
[Old version datasheet]   Extend Battery Life in Portable Applications with the TMS320C55x??Power Optimization DSP Starter
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
PHOENIX CONTACT
RAD-ISM-2400-ANT-OMNI-5-0 PHOENIX-RAD-ISM-2400-ANT-OMNI-5-0 Datasheet
44Kb / 2P
   For mobile applications with a longer range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com