Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9633 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9633
Description  Improved Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9633 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9633 Datasheet HTML 4Page - Maxim Integrated Products MAX9633 Datasheet HTML 5Page - Maxim Integrated Products MAX9633 Datasheet HTML 6Page - Maxim Integrated Products MAX9633 Datasheet HTML 7Page - Maxim Integrated Products MAX9633 Datasheet HTML 8Page - Maxim Integrated Products MAX9633 Datasheet HTML 9Page - Maxim Integrated Products MAX9633 Datasheet HTML 10Page - Maxim Integrated Products MAX9633 Datasheet HTML 11Page - Maxim Integrated Products MAX9633 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Maxim Integrated
Dual 36V Op Amp for 18-Bit
SAR ADC Front-End
MAX9633
Detailed Description
The MAX9633 is designed in a new 36V, high-speed
complementary BiCMOS process that is optimized for
excellent AC dynamic performance combined with high-
voltage operation.
The exceptionally fast settling time, low noise, low distor-
tion, high bandwidth, and low input offset voltage make
the IC an excellent solution to drive (up to 18-bit)high-
resolution and fast SAR ADCs.
The MAX9633 is unity gain stable and operates either
with a single supply voltage up to 36V or with dual sup-
plies up to Q18V.
Applications Information
Driving High-Resolution SAR ADCs
High-resolution SAR ADCs typically switch an input
capacitor in the order of tens of pF during the track and
hold phases. Such capacitor switching can cause a
voltage glitch at the input of the ADC that behaves as a
load-transient condition for the driving amplifier. In many
applications, this glitch is avoided by placing an external
capacitor at the ADC input that is in the order of 20 to 50
times the ADC input capacitor. If the ADC input capaci-
tor ranges from 15pF to 30pF, then the external capacitor
is anything between 300pF to 1.5nF, depending on the
application. An isolation resistor can be placed in series
between the amplifier’s output and the external capaci-
tor, as shown in the Typical Application Circuit.
During the load-transient condition described, the driv-
ing amplifier must be able to settle to 0.5 x LSB within
the ADC acquisition time (tACQ). Assuming a first order
approximation, the number of time constants required to
settle to 0.5 x LSB is a logarithm function of the number
N of bits:
( )
N1
1)
k ln 2 +
=
The external RC time constant must be such that:
2)
k x RL x C < tACQ
As an example, consider a 16-bit SAR ADC with 500ns
acquisition time and 20pF input capacitor.
From 1):
k = 12
Assuming a factor of 50 for the external capacitor:
C = 1nF
Finally, formula 2) gives: RL P 40I
The IC is optimized for very fast load-transient recovery
with big capacitive loads and small isolation resistors.
This makes it ideal to drive high-resolution and fast SAR
ADCs.
Recommended SAR ADCs
The MAX9633’s wide supply range and fast settling
make it ideal for driving high-resolution SAR ADCs, such
as the MAX1320. The MAX1320 is a 14-bit, 8-chan-
nel, simultaneous-sampling ADC that measures analog
inputs up to Q5V. Sampling up to 250ksps per channel
for eight channels, the MAX1320 achieves 77dB SNR,
90dBc SFDR, and -86dB THD. The MAX1320’s fast
sample rate and typical input resistance of 8.6kI often
make it necessary to have a low-noise op amp, such as
the MAX9633, driving its inputs. The MAX9633 is also
a good fit for an anti-aliasing active filter prior to the
MAX1320 as shown in the Typical Application Circuit.
The MAX1320 is part of a family of simultaneous sampling
ADCs (MAX1316–MAX1326). Other options include ADCs
that measure 0V to 5V inputs, or Q10V inputs, and two 4
or 8 simultaneous input channels. The MAX1320’s high
speed and resolution make it a fit for multiphase motor
control and power-grid monitoring.
The MAX9633 is also well-suited to drive the 16-bit
MAX11046 8-channel, simultaneous-sampling, SAR
ADC. The MAX11046 is rated for up to 250ksps. An input
driver is typically not necessary at sampling rates below
100ksps. For applications that require > 100ksps sample
rates, the MAX9633 offers small size, high bandwidth,
and ultra-low -100dB THD at 100kHz.
Low Noise and Low Distortion
The MAX9633 is designed for applications that require
very low voltage noise, making it ideal for low source
impedance. When driving 16-bit SAR ADCs with a Q5V
full-scale input, such as the MAX11046, the MAX9633
very low input voltage noise density specification guaran-
tees 16-bit resolution up to 10MHz of signal bandwidth.
The MAX9633 is also designed for ultra-low distor-
tion performance. THD specifications in the Electrical
Characteristics and Typical Operating Characteristics
is calculated up to the 5th harmonic. Even when driving
high voltage swing up to 10VP-P, the MAX9633 maintains
excellent low distortion operation up and beyond 100kHz
of bandwidth.
Besides driving high-resolution and high-bandwidth SAR
ADCs, applications that benefit for low-noise and low-
distortion applications can be found in industrial power-
grid and smart-grid, industrial motor-control, medical
imaging, automated test equipment, instrumentation,
and professional audio equipment.


Similar Part No. - MAX9633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9633EVKIT MAXIM-MAX9633EVKIT Datasheet
812Kb / 6P
   Fully Assembled and Tested
Rev 0; 9/10
MAX9633EVKIT++ MAXIM-MAX9633EVKIT+ Datasheet
812Kb / 6P
   Fully Assembled and Tested
Rev 0; 9/10
More results

Similar Description - MAX9633

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPS40 NAINA-NPS40 Datasheet
153Kb / 2P
   Improved glass passivation for high reliability
NPSS40 NAINA-NPSS40 Datasheet
152Kb / 2P
   Improved glass passivation for high reliability
NPS35 NAINA-NPS35 Datasheet
151Kb / 2P
   Improved glass passivation for high reliability
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS Datasheet
1Mb / 7P
   Improved glass passivation for high reliability
logo
Naina Semiconductor ltd...
NPS20 NAINA-NPS20 Datasheet
157Kb / 2P
   Improved glass passivation for high reliability
NPIS20 NAINA-NPIS20 Datasheet
175Kb / 2P
   Improved glass passivation for high reliability
NPSS20 NAINA-NPSS20 Datasheet
170Kb / 2P
   Improved glass passivation for high reliability
NPIS40 NAINA-NPIS40 Datasheet
188Kb / 2P
   Improved glass passivation for high reliability
NPIS25 NAINA-NPIS25 Datasheet
172Kb / 2P
   Improved glass passivation for high reliability
NPIS35 NAINA-NPIS35 Datasheet
179Kb / 2P
   Improved glass passivation for high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com