Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4888B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4888B
Description  Superior Bandwidth Return Loss
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4888B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4888B Datasheet HTML 1Page - Maxim Integrated Products MAX4888B Datasheet HTML 2Page - Maxim Integrated Products MAX4888B Datasheet HTML 3Page - Maxim Integrated Products MAX4888B Datasheet HTML 4Page - Maxim Integrated Products MAX4888B Datasheet HTML 5Page - Maxim Integrated Products MAX4888B Datasheet HTML 6Page - Maxim Integrated Products MAX4888B Datasheet HTML 7Page - Maxim Integrated Products MAX4888B Datasheet HTML 8Page - Maxim Integrated Products MAX4888B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Up to 8.0Gbps Dual Passive Switches
4
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Table 1. Insertion Loss Mask
LOAD
SOURCE
VOUT
ZL
SEL
ZS
Σ
10%
90%
50%
50%
tON_SEL
tOFF_SEL
VOUT
SEL
THE FREQUENCY OF THE SIGNAL SHOULD BE ABOVE THE HIGHPASS FILTER CORNER OF THE COUPLING CAPACITORS.
MAX4888B
MAX4888C
FREQUENCY RANGE (GHz)
MAXIMUM INSERTION LOSS (dB)
0 to 2.5
1/3 x fGHZ + 17/30
2.5 to 5
2/5 x fGHZ - 2/5
5 to 8
18/5 x fGHZ - 4/15
Greater than 8
2 x fGHZ - 12


Similar Part No. - MAX4888B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
   2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
MAX4888AETI++ MAXIM-MAX4888AETI+ Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
MAX4888ETI MAXIM-MAX4888ETI Datasheet
267Kb / 16P
   2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
More results

Similar Description - MAX4888B

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
M/A-COM Technology Solu...
MAFL-011054 MA-COM-MAFL-011054 Datasheet
615Kb / 4P
   Excellent Return loss
logo
CTS Corporation
KFF6516A CTS-KFF6516A Datasheet
77Kb / 2P
   Excellent Return Loss
logo
Laird Tech Smart Techno...
WPC39S0B-001 LSTD-WPC39S0B-001 Datasheet
855Kb / 2P
   Excellent return loss
logo
CTS Corporation
KFF6106A CTS-KFF6106A Datasheet
127Kb / 2P
   Excellent Return Loss
logo
M/A-COM Technology Solu...
MAFL-011060 MA-COM-MAFL-011060 Datasheet
281Kb / 6P
   Excellent Return loss
logo
Anaren Microwave
110220 ANAREN-110220 Datasheet
321Kb / 2P
   Output Load Return Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com