Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMB12S Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # KMB12S
Description  SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KMB12S Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  KMB12S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KMB12S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTANTANEOUS FORWARD VOLTAGE,
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL TRANSIENT THERMAL IMPEDANCE
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
AMBIENT TEMPERATURE, C
30
25
20
15
10
5.0
0
NUMBER OF CYCLES AT 60 Hz
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
VOLTS
0.2
0.5
0.7
0.9
1.1
1.2
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
KMB12S-KMB145S
KMB18S-KMB110S
KMB125S
KMB15S-KMB16S
KMB115S-KMB120S
KMB12S THRU KMB125S
2 of 2
version:01
www.dyelec.com


Similar Part No. - KMB12S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
   Surge Overload Rating to 30A Peak
logo
Zibo Seno Electronic En...
KMB12S ZSELEC-KMB12S Datasheet
389Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KMB12S SMCDIODE-KMB12S Datasheet
349Kb / 5P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Rev. C
More results

Similar Description - KMB12S

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
KMB12S SMCDIODE-KMB12S Datasheet
349Kb / 5P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
KMB12F SMC-KMB12F Datasheet
132Kb / 4P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KMB12M DYELEC-KMB12M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Goodwork Semiconductor ...
DB101S GWSEMI-DB101S Datasheet
67Kb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101GS BYTESONIC-DB101GS Datasheet
210Kb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
DB101S UNIOHM-DB101S Datasheet
67Kb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Components Intern...
DF005 FCI-DF005 Datasheet
123Kb / 2P
   1.0 Amp Surface Mount SINGLE PHASE SILICON BRIDGE
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB101GS DGNJDZ-DB101GS Datasheet
278Kb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB101GS-107GS DGNJDZ-DB101GS-107GS Datasheet
134Kb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com