Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2685MTC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685MTC
Description  Dual Output Regulated Switched Capacitor Voltage Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685MTC Datasheet(HTML) 9 Page - National Semiconductor (TI)

  LM2685MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: ap.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
TSSOP-14 Package
14-Lead Thin Shrink Small-Outline Package
For Ordering, Refer to Ordering Information Table
NS Package Number MTC14
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - LM2685MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6X NSC-LM2681M6X Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2685MTC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
National Semiconductor ...
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
   Regulated Switched Capacitor Voltage Converter
LM2760 NSC-LM2760 Datasheet
242Kb / 10P
   3.3V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com