Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER108 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # HER108
Description  1.0 AMP. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

HER108 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  HER108 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. HER108 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER101 THRU HER108
2of2
FIG. 3
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
20
10
0
30
40
2
5
10
20
50
100
FIG.4
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE
,
(V)
1
100
10
1
4
10
100
HER101 - HER105
HER106 - HER108
TJ = 25
°C
f = 1 MHz
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD
(V)
TA = 25
°C
PULSE WIDTH 300us
HER101-HER103
HER104-HER105
HER106 - HER108
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
10
1.0
0.01
0.1
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (
)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.4
0.2
0
25
0.6
0.8
1.0
50
75
100
125
150
175
C
°
version:01
www.dyelec.com


Similar Part No. - HER108

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER108 MOSPEC-HER108 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Zibo Seno Electronic En...
HER108 ZSELEC-HER108 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Taiwan Semiconductor Co...
HER108 TSC-HER108 Datasheet
553Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Goodwork Semiconductor ...
HER108 GWSEMI-HER108 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER108 LRC-HER108 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
More results

Similar Description - HER108

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S Datasheet
269Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
62Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER101 DAYA-HER101 Datasheet
285Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER101-UF4001 YANGJIE-HER101-UF4001 Datasheet
507Kb / 2P
   1.0 AMP. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11_1 Datasheet
272Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Surge Components
HER101 SURGE-HER101 Datasheet
129Kb / 2P
   1.0 AMP. High Efficient Rectifiers?
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11_10 Datasheet
549Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com