Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8413S12I-100 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8413S12I-100
Description  Clock Generator for Cavium Processors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8413S12I-100 Datasheet(HTML) 1 Page - Integrated Device Technology

  8413S12I-100_16 Datasheet HTML 1Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 2Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 3Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 4Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 5Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 6Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 7Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 8Page - Integrated Device Technology 8413S12I-100_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
©2016 Integrated Device Technology, Inc.
October 4, 2016
General Description
The 8413S12I-100 is a PLL-based clock generator specifically
designed for Cavium Networks Octeon II processors. This high
performance device is optimized to generate the processor core
reference clock, the PCI-Express reference clocks and the clocks for
both the Gigabit Ethernet MAC and PHY. The clock generator offers
ultra low-jitter, low-skew clock outputs, and edge rates that easily
meet the input requirements for the CN63XX and CN68XX series of
processors. The output frequencies are generated from a 25MHz
external input source or an external 25MHz parallel resonant crystal.
The industrial temperature range of the 8413S12I-100 supports
telecommunication, networking, and storage requirements.
Applications
Systems using Cavium Processors
CPE Gateway Design
Home Media Servers
802.11n AP or Gateway
Soho Secure Gateway
Soho SME Gateway
Wireless Soho and SME VPN Solutions
Wired and Wireless Network Security
Web Servers and Exchange Servers
Features
Ten 100MHz clocks for PCI Express, HCSL interface levels
One single-ended QG LVCMOS/LVTTL clock output at 125MHz
One single-ended QF LVCMOS/LVTTL clock output at 50MHz,
15
output impedance
Two single-ended QREFx LVCMOS/LVTTL outputs at 25MHz,
15
output impedance
Selectable external crystal or differential (single-ended) input
source
Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
Differential CLK, nCLK input pair that can accept: LVPECL, LVDS,
LVHSTL, HCSL input levels
Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
Supply Modes, (125MHz QG output and 25MHz QREFx outputs):
Core / Output
3.3V / 3.3V
3.3V / 2.5V
Supply Modes, (HCSL outputs, and 50MHz QF output):
Core / Output
3.3V / 3.3V
-40°C to 85°C ambient operating temperature
Available in Lead-free (RoHS 6) package
72-pin, 10mm x 10mm LQFP Package
8XXXXXX
GND
nc
nc
nc
nc
nc
nc
nc
nc
nc
VDDA
nc
nc
XTAL_IN
XTAL_OUT
nc
REF_SEL
GND
nc
VDD
IREF
OE_D
nQD1
QD1
nQD0
QD0
VDDO_D
VDDO_C
nQC1
QC1
nQC0
QC0
OE_C
VDD
GND
nc
8413S12I-100
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Pin Assignment
8413S12I-100
Data Sheet
Clock Generator for Cavium
Processors


Similar Part No. - 8413S12I-100_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
   Ten 100MHz clocks for PCI Express
logo
Renesas Technology Corp
8413S12I-100 RENESAS-8413S12I-100 Datasheet
1Mb / 34P
   Clock Generator for Cavium Processors
October 4, 2016
More results

Similar Description - 8413S12I-100_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
   Clock Generator for Cavium Processors
October 11, 2019
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
   CLOCK GENERATOR FOR CAVIUM PROCESSORS
logo
Renesas Technology Corp
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
   Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
   Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
MARCH 28, 2011
logo
Integrated Device Techn...
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com